Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS680-01 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS680-01
Description  Networking Clock Synthesizer and Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS680-01 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS680-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Networking Clock Synthesizer and Zero Delay Buffer
MDS 680-01 F
5
Revision 020305
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS680-01
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.13
3.3
3.46
V
Supply Current
IDD
No load,PDTS=1
32
mA
No load,PDTS=0
300
µA
Input High Voltage, binary
inputs
VIH
PDTS, ICLK
2
V
Input High Voltage, trinary
inputs
VIH
S0, S1
VDD-0.5
V
Input Low Voltage, binary
inputs
VIL
PDTS, ICLK
0.8
V
Input Low Voltage, trinary
inputs
VIL
S0, S1
0.5
V
Output High Voltage
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.8
V
IOL = 4 mA
0.4
V
Short Circuit Current
IOS
CLK output
±50
mA
Input Capacitance, Inputs
CIN
5pF
Nominal Output
Impedance
ZOUT
20
Ω
On-Chip Pull-up Resistor,
Inputs
RPU
PDTS, SEL
250
k
Ω
On-Chip Pull-down
Resistor, Outputs
RPD
CLK outputs
250
k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com