Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCIMX6DP4AYM8AB Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SCIMX6DP4AYM8AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4AYM8AB Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SCIMX6DP4AYM8AB Datasheet HTML 24Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 25Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 26Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 27Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 28Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 29Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 30Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 31Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
28
NXP Semiconductors
Electrical Characteristics
4.1.6
Low Power Mode Supply Currents
Table 9 shows the current core consumption (not including I/O) of the i.MX 6DualPlus/6QuadPlus
processors in selected low power modes.
NVCC_LVDS2P5
—
NVCC_LVDS2P5 is connected to
VDD_HIGH_CAP at the board
level. VDD_HIGH_CAP is capable
of handing the current required by
NVCC_LVDS2P5.
MISC
DRAM_VREF
—
1
mA
1 i.MX 6DualPlus numbers assume VDD_ARM23_IN and VDD_ARM23_CAP are connected to ground.
2 The actual maximum current drawn from VDD_HIGH_IN will be as shown plus any additional current drawn from the
VDD_HIGH_CAP outputs, depending upon actual application configuration (for example, NVCC_LVDS_2P5, NVCC_MIPI, or
HDMI, PCIe, and SATA VPH supplies).
3 Under normal operating conditions, the maximum current on VDD_SNVS_IN is shown Table 8. The maximum VDD_SNVS_IN
current may be higher depending on specific operating configurations, such as BOOT_MODE[1:0] not equal to 00, or use of
the Tamper feature. During initial power on, VDD_SNVS_IN can draw up to 1 mA if the supply is capable of sourcing that
current. If less than 1 mA is available, the VDD_SNVS_CAP charge time will increase.
4 This is the maximum current per active USB physical interface.
5 The DRAM power consumption is dependent on several factors such as external signal termination. DRAM power calculators
are typically available from memory vendors which take into account factors such as signal termination.
See the i.MX 6Dual/6Quad Power Consumption Measurement Application Note (AN4509) for examples of DRAM power
consumption during specific use case scenarios.
6 General equation for estimated, maximum power consumption of an IO power supply:
Imax = N x C x V x (0.5 x F)
Where:
N—Number of IO pins supplied by the power line
C—Equivalent external capacitive load
V—IO voltage
(0.5 xF)—Data change rate. Up to 0.5 of the clock rate (F)
In this equation, Imax is in Amps, C in Farads, V in Volts, and F in Hertz.
Table 9. Stop Mode Current and Power Consumption
Mode
Test Conditions
Supply
Typical1
Unit
WAIT
• Arm, SoC, and PU LDOs are set to 1.225 V
• HIGH LDO set to 2.5 V
• Clocks are gated
• DDR is in self refresh
• PLLs are active in bypass (24 MHz)
• Supply voltages remain ON
VDD_ARM_IN (1.4 V)
6
mA
VDD_SOC_IN (1.4 V)
23
mA
VDD_HIGH_IN (3.0 V)
3.7
mA
Total
52
mW
Table 8. Maximum Supply Currents (continued)
Power Supply
Conditions
Maximum Current
Unit
Power Virus
CoreMark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com