Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCIMX6DP4EVT1AB Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SCIMX6DP4EVT1AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4EVT1AB Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SCIMX6DP4EVT1AB Datasheet HTML 35Page - NXP Semiconductors SCIMX6DP4EVT1AB Datasheet HTML 36Page - NXP Semiconductors SCIMX6DP4EVT1AB Datasheet HTML 37Page - NXP Semiconductors SCIMX6DP4EVT1AB Datasheet HTML 38Page - NXP Semiconductors SCIMX6DP4EVT1AB Datasheet HTML 39Page - NXP Semiconductors SCIMX6DP4EVT1AB Datasheet HTML 40Page - NXP Semiconductors SCIMX6DP4EVT1AB Datasheet HTML 41Page - NXP Semiconductors SCIMX6DP4EVT1AB Datasheet HTML 42Page - NXP Semiconductors SCIMX6DP4EVT1AB Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
39
NOTE
The term ‘OVDD’ in this section refers to the associated supply rail of an
input or output.
Figure 3. Circuit for Parameters Voh and Vol for I/O Cells
4.6.1
XTALI and RTC_XTALI (Clock Inputs) DC Parameters
Table 21 shows the DC parameters for the clock inputs.
NOTE
The Vil and Vih specifications only apply when an external clock source is
used. If a crystal is used, Vil and Vih do not apply.
4.6.2
General Purpose I/O (GPIO) DC Parameters
Table 22 shows DC parameters for GPIO pads. The parameters in Table 22 are guaranteed per the
operating ranges in Table 6, unless otherwise noted.
Table 21. XTALI and RTC_XTALI DC Parameters
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
XTALI high-level DC input voltage
Vih
—
0.8 x NVCC_PLL_OUT — NVCC_PLL_ OUT V
XTALI low-level DC input voltage
Vil
—
0
—
0.2
V
RTC_XTALI high-level DC input
voltage
Vih
—
0.8
—
1.1(See note 1)
1 This voltage specification must not be exceeded and, as such, is an absolute maximum specification.
V
RTC_XTALI low-level DC input
voltage
Vil
—
0
—
0.2
V
Input capacitance
CIN
Simulated data
—
5
—
pF
XTALI input leakage current at
startup
IXTALI_STARTUP Power-on startup for
0.15 msec with a driven
24 MHz clock
at 1.1 V. 2
2 This current draw is present even if an external clock source directly drives XTALI.
—
—
600
μA
DC input current
IXTALI_DC
——
—
2.5
μA
0
or
1
Predriver
pdat
ovdd
pad
nmos (Rpd)
ovss
Voh min
Vol max
pmos (Rpu)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com