Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS4231M-03LFT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS4231M-03LFT
Description  Low EMI Clock Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS4231M-03LFT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS4231M-03LFT Datasheet HTML 1Page - Integrated Circuit Systems ICS4231M-03LFT Datasheet HTML 2Page - Integrated Circuit Systems ICS4231M-03LFT Datasheet HTML 3Page - Integrated Circuit Systems ICS4231M-03LFT Datasheet HTML 4Page - Integrated Circuit Systems ICS4231M-03LFT Datasheet HTML 5Page - Integrated Circuit Systems ICS4231M-03LFT Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LOW EMI CLOCK GENERATOR
ICS4231-03
MDS 4231-03 A
4
Revision 110404
In te gr ated Circuit Systems
● 5 25 Race Stree t, San Jose, CA 951 26 ● tel (408) 297-1 201 ● www.icst.com
DC Electrical Characteristics
Unless stated otherwise, VDD = 5V, ±10%, Ambient Temperature 0 to +70
°C
Note 1: Pins X1 and X2 each have 34 pF capacitance. When used with a crystal, the total combined
capacitance as seen by the crystal is 17 pF. If driving X1 with a clock input, the load capacitance will be
34 pF.
AC Electrical Characteristics
Unless stated otherwise, VDD = 5V±10%, Ambient Temperature 0 to +70
° C, C
L=15pf
Note 1: Measured with 15pF load
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
4.5
5
5.5
V
Supply Current
IDD
No load, at 3.3V
18
32
mA
Input High Voltage
VIH
0.7VDD
V
Input Low Voltage
VIL
0.15VDD
V
Output High Voltage
VOH
IOH = -24mA
2.5
V
Output Low Voltage
VOL
IOL = 24mA
0.4
V
Input Capacitance
CIN
All pins except X1, X2
5
7
pF
Load Capacitance
X1, X2, as seen by the
xtal, Note 1
17
pF
Output Impedance
Rout
20
Ω
Input Pull-Up Resistor
500
K
Ω
Power-Up Time
First locked clock
cycle after Power
Good
5ms
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
Input Clock
10
33
MHz
Output Frequency
10
33
MHz
Input Clock Duty Cycle
Time above VDD/2
40
60
%
Output Clock Duty Cycle
Note 1
45
50
55
%
Output Rise Time
tOR
0.8 to 2.4V, note 1
2
5
ns
Output Fall Time
tOF
2.4 to 0.8V, note 1
2
5
ns
Jitter
cycle-to-cycle
300
ps
Harmonic Reduction
8
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com