Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS18003 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS18003
Description  Low EMI Clock Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS18003 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS18003 Datasheet HTML 1Page - Integrated Circuit Systems ICS18003 Datasheet HTML 2Page - Integrated Circuit Systems ICS18003 Datasheet HTML 3Page - Integrated Circuit Systems ICS18003 Datasheet HTML 4Page - Integrated Circuit Systems ICS18003 Datasheet HTML 5Page - Integrated Circuit Systems ICS18003 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS180-03
Low EMI Clock Generator
MDS 180-03 A
1
Revision 110404
Integrated Circ uit Systems l5 25 Race Street, San Jo se, CA 9 512 6 l tel (408 ) 29 7-120 1 l
www.ics t.co m
Description
The ICS180-03 generates a low EMI output clock from
a clock or crystal input. The device uses ICS’
proprietary mix of analog and digital Phase Locked
Loop (PLL) technology to spread the frequency
spectrum of the output, thereby reducing the frequency
amplitude peaks by several dB.
The ICS180-03 offers down spread selection of -1.25%
and -3.75%. Refer to the MK1714-01/02 for the widest
selection of input frequencies and multipliers.
ICS offers a complete line of EMI reducing clock
generators. Consult us when you need to remove
crystals and oscillators from your board.
Features
Pin and function compatible to Cypress W180-03
Packaged in 8-pin SOIC
Provides a spread spectrum output clock
Accepts a clock input and provides same frequency
dithered output
Input frequency of 15 to 28 MHz
Peak reduction by 7dB - 14dB typical on 3rd - 19th
odd harmonics
Spread percentage selection for -1.25% and -3.75%
Operating voltage of 3.3 V and 5 V
Advanced, low-power CMOS process
Block Diagram
PLL Clock
Synthesis
and Spread
Spectrum
Circuitry
SS%
CLK
GND
VDD
SSON#
X1/CLKIN
X2
Clock Buffer/
Crystal
Oscillator
FS1


Similar Part No. - ICS18003

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
Low EMI Clock Generator
Revision 050405
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
Low EMI Clock Generator
Revision 110404
More results

Similar Description - ICS18003

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
Low EMI Clock Generator
Revision 091205
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
Low EMI Clock Generator
Revision 102804
ICS181-51 ICST-ICS181-51 Datasheet
90Kb / 6P
Low EMI Clock Generator
Revision 110404
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
Low EMI Clock Generator
Revision 050405
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
Low EMI Clock Generator
Revision 110404
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
LOW EMI CLOCK GENERATOR
031109
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
LOW EMI CLOCK GENERATOR
051310
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
LOW EMI CLOCK GENERATOR
051310
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com