Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

YPD-D1M11N-S/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # YPD-D1M11N-S/Q
Description  Plug-in Signal Conditioners M-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

YPD-D1M11N-S/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  YPD-D1M11N-S/Q Datasheet HTML 1Page - M-System Co.,Ltd. YPD-D1M11N-S/Q Datasheet HTML 2Page - M-System Co.,Ltd. YPD-D1M11N-S/Q Datasheet HTML 3Page - M-System Co.,Ltd. YPD-D1M11N-S/Q Datasheet HTML 4Page - M-System Co.,Ltd. YPD-D1M11N-S/Q Datasheet HTML 5Page - M-System Co.,Ltd. YPD-D1M11N-S/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: YPD
YPD SPECIFICATIONS
ES-1369 Rev.13 Page 2/6
http://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Excitation adjustment: 5 – 12 V DC
Detecting level adjustments (DC voltage pulse): 2 – 10 V
Input pulse sensing: DC coupled
Input filter: Provided with output code A2, M2, N2, H
(time constant approx. 1 msec.)
INPUT SPECIFICATIONS
Excitation: Shortcircuit protection; approx. 150 mA at
shortcircuit
■ Dry Contact
Max. frequency: 100 kHz
Pulse width time requirement: 5 μsec. min. (10 ms
for output code A2, M2, N2, H)
Sensing: 10 V DC @ 2.5 mA
ON/OFF level:
≥ 5.5 kΩ /5.5 V for OFF
≤ 1.8 kΩ /4.5 V for ON
■ Voltage Pulse: Specify DC offset and amplitude.
Max. frequency: 100 kHz
Pulse width time requirement: 5 μsec. min. (10 ms
for output code A2, M2, N2, H)
Waveform: Square or sine
Input impedance: 10 kΩ min.
Input amplitude: 2 – 50 Vp-p
Sensitivity adjustment (threshold level): 2 – 10 V
Max. voltage between input terminals: 50 V
• 5V, 12V, 24V Pulse
Waveform: Square or sine
Input impedance: 10 kΩ min.
Detecting level
INPUT
5 V PULSE
12 V / 24 V PULSE
VH
≥ 2.25 V
≥ 5.25 V
VL
≤ 1.75 V
≤ 4.75 V
■ Two-wire Current Pulse
Max. frequency: 100 kHz
Pulse width time requirement: 5 μsec. min. (10 ms
for output code A2, M2, N2, H)
Input resistance: Receiving resistor 220 Ω
Maximum current: ± 50 mA
Hi/Lo level: ≤ 5 mA for Lo, ≥ 15 mA for Hi
50V max.
Amplitude
Vinp-p
t
Volts
DC Offset
■ Voltage pulse waveform
OUTPUT SPECIFICATIONS
■ Open Collector: 50 V DC @ 50 mA (resistive load)
Maximum frequency:
Output code A1: 100 kHz with load resistance ≤ 1 kΩ
OUtput code A2: 10 Hz with load resistance ≤ 1 kΩ
Saturation voltage: 0.5 V DC
■ Voltage Pulse: Rating (5 or 12 V) ± 10 %
Maximum frequency: 100 kHz
Load resistance: 1.5 kΩ min. for 5 V, 3 kΩ min. for 12 V
L level: ≤ 0.5 V
■ Relay Contact: 120 V AC or 30 V DC @ 200 mA
(resistive load)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 50 VA or 6 W
Minimum load: 5 V DC @ 10 mA
Maximum frequency: 0.5 Hz
Relay life:
2 × 107 cycles (mechanical)
7 × 106 cycles (electrical)
OUTPUT PULSE WIDTH
•Equal to the Input: No pulse width conversion
(difference between input and output within ±10 μsec.)
• One-shot Output: Constant pulse width
Output Frequency (Hz) = 500 / (Output Pulse Width (msec.))
Adjustable pulse width
Pulse width max. 30 msec. (code 2):
1 – 30 msec. adjustable (standard 5 msec. ±20 %) for
'Output' code other than 'H'
10 – 30 msec. adjustable (standard 10 msec. ±20 %) for
'Output' code 'H'
Pulse width min. 30 msec. (code 3): 30 msec. – 1 sec.
adjustable (standard 50 msec. ±20 %)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com