Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3681 Datasheet(PDF) 2 Page - ams AG

Part # AS3681
Description  Power AND Lighting Management Unit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3681 Datasheet(HTML) 2 Page - ams AG

  AS3681 Datasheet HTML 1Page - ams AG AS3681 Datasheet HTML 2Page - ams AG AS3681 Datasheet HTML 3Page - ams AG AS3681 Datasheet HTML 4Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AS3681
austriamicrosystems
Product Brief
© 1997-2004, austriamicrosystems
USA, Inc. 8601 Six Forks Road, Suite 400 Raleigh,NC 27615 USA. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.0
2 - 4
4 Block Diagrams
Figure 1. Option (by software): Step Up DC/DC Converter (Pins 23, 24, 28, 29) and External Charge Pump (Pins
25, 26, 27).
LDO
e.g. 2.8V
AS3681
Power Management
Unit
Charge Pump
1:1, 1.5:1, 2:1
400mA
Step Up DC/DC
Converter
Current Sinks
10-150mA
SENSE_P
SENSE_N
23
24
Battery
29
DCDC_FB
4
C2_P
2
C2_N
7
C1_P
8
C1_N
C6
1µF
C7
1µF
C5
2.2µF
Current Sinks
2.5-37.5mA
19
CURR1
20
CURR2
11
CURR32
10
CURR31
9
CURR30
5
CPOUT
3
VBAT2
6
VBAT1
28
DCDC_GATE
Serial
Interface
CLK
Device Address Selector
R6
1-10k
Ω
V
DD_G
1
ADDR
17
DATA
18
CLK
C8
2.2µF
D6
D7
D8
Camera Flash
Module
C11
15nF
D9
D10
D11
D12
D13
D14
R4
100k
Ω
C10
1.5µF
R3
1M
Ω
C9
2.2µF
White LEDs
Backlight
R2
0.15
Ω
D1
Battery
Q1
10µH, 5x5x1.2mm
SD12-100
Coiltronics
LDO
1.85-3.4V
150mA
21
VBAT3
Bandgap
and
VREF
30
V2_5
32
RBIAS
31
CREF
O-LED
Charge Pump
25
OLED_FB
27
OLED2
26
OLED1
V
DD_G
14
GPIO1
15
GPIO0
16
GPIO2
13
GPIO3
12
R5
600k
Ω
Feedback
D2
D3
D4
D5
C14
100nF
C13
100nF
C12
100nF
C15
2.2µF
C1
100nF
R1
240k
Ω
C4
1µF
C3
2.2µF
2.5V
22
VANA
C2
1µF
Pulse Skip
GPIO/
ADC
-6V
10mA
30
Exposed Pad



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com