Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

YPD-C1A13R-S/Q Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # YPD-C1A13R-S/Q
Description  Plug-in Signal Conditioners M-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

YPD-C1A13R-S/Q Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  YPD-C1A13R-S/Q Datasheet HTML 1Page - M-System Co.,Ltd. YPD-C1A13R-S/Q Datasheet HTML 2Page - M-System Co.,Ltd. YPD-C1A13R-S/Q Datasheet HTML 3Page - M-System Co.,Ltd. YPD-C1A13R-S/Q Datasheet HTML 4Page - M-System Co.,Ltd. YPD-C1A13R-S/Q Datasheet HTML 5Page - M-System Co.,Ltd. YPD-C1A13R-S/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: YPD
YPD SPECIFICATIONS
ES-1369 Rev.13 Page 5/6
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
3
4
5
6
2
1
8
7
50 (1.97)
107 (4.21)
127 (5)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
15 (.59) deep
8–M3.5
SCREW
• When mounting, no extra space is needed between units.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
3
5
4
+
4kΩ
+
–
–
+10V
3
5
4
–
+
3
5
4
–
+
+
–
10kΩ
3
5
4
+
+
–
–
+
–
1
2
+
–
+
–
1
2
+
–
1
2
1
2
220Ω
220Ω
+
–
6
1
2
7
8
+
–
3
5
4
+
U
• DC Powered
■ Relay Contact
• AC Powered
■ Dry Contact
■ Voltage Pulse
■ Voltage Pulse
■ Open Collector
• External DC Supply
■ 2-Wire Current Pulse
• Built-in Excitation
Input Connection Examples
Output Connection Examples
*Provided only when the one-shot output is specified.
One-Shot
*
Relay or
Counter Coil
Varistor or Spark
Quenching Circuit
Relay or
Counter Coil
Spark Quenching
Diode
LOAD
LOAD
INPUT
SENSOR EXCITATION
POWER
OUTPUT
U(+)
V(–)
VOLTAGE ADJ.
SENSITIVITY
PULTH WIDTH
Isolation
Base Socket
Output
Driver
Excitation
Supply
Waveform
Shaper
PWR
PWR
Vsns
Vsns
Vsns
Vsns
DC SUPPLY
2-WIRE
PICK-UP
2-WIRE
PICK-UP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com