Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V107C031A-850 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # V107C031A-850
Description  Access Control (IRIS/Vein Scan, Face Recognition)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

V107C031A-850 Datasheet(HTML) 3 Page - OSRAM GmbH

  V107C031A-850 Datasheet HTML 1Page - OSRAM GmbH V107C031A-850 Datasheet HTML 2Page - OSRAM GmbH V107C031A-850 Datasheet HTML 3Page - OSRAM GmbH V107C031A-850 Datasheet HTML 4Page - OSRAM GmbH V107C031A-850 Datasheet HTML 5Page - OSRAM GmbH V107C031A-850 Datasheet HTML 6Page - OSRAM GmbH V107C031A-850 Datasheet HTML 7Page - OSRAM GmbH V107C031A-850 Datasheet HTML 8Page - OSRAM GmbH V107C031A-850 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
V107C031A-850
3 Version 1.1 | 2021-02-26
Characteristics
Ta = 25°C, IF = 5 A; tp = 100 µs; DC = 1%
Parameter
Symbol
Values
Forward voltage
VF
typ.
2.2 V
Output power
Φ
typ.
4.0 W
Threshold current
Ith
typ.
1.0 A
Slope efficiency
SE
typ.
1.0 W / A
Power conversion efficiency
η
typ.
36 %
Peak wavelength
λpeak
min.
typ.
max.
840 nm
850 nm
860 nm
Spectral bandwidth at FWHM (50% of
Φmax)
λFWHM
typ.
2 nm
Temperature coefficient of wavelength
TCλ
typ.
0.06 nm /K
Field of view at FWHC (HFOV)
Θ
typ.
72 °
Field of view at FWHC (VFOV)
Θ
typ.
58 °
Thermal resistance junction/solder point
Rth, JS
typ.
15.9 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com