Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APM9953 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM9953
Description  P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9953 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM9953 Datasheet HTML 1Page - Anpec Electronics Coropration APM9953 Datasheet HTML 2Page - Anpec Electronics Coropration APM9953 Datasheet HTML 3Page - Anpec Electronics Coropration APM9953 Datasheet HTML 4Page - Anpec Electronics Coropration APM9953 Datasheet HTML 5Page - Anpec Electronics Coropration APM9953 Datasheet HTML 6Page - Anpec Electronics Coropration APM9953 Datasheet HTML 7Page - Anpec Electronics Coropration APM9953 Datasheet HTML 8Page - Anpec Electronics Coropration APM9953 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
P-Channel Enhancement Mode MOSFET
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - July., 2003
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
APM9953
Features
Applications
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
• -20V/-3A , R
DS(ON)=75mΩ(typ.) @ VGS=-10V
R
DS(ON)=90mΩ(typ.) @ VGS=-4.5V
••••• Super High Dense Cell Design for Extremely
Low R
DS(ON)
••••• Reliable and Rugged
••••• SOP-8 Package
• Power Management in Notebook Computer ,
Portable Equipment and Battery Powered
Systems.
Symbol
Parameter
Rating
Unit
VDSS
Drain-Source Voltage
-20
VGSS
Gate-Source Voltage
±10
V
ID*
Maximum Drain Current – Continuous
-3
IDM
Maximum Drain Current – Pulsed
-12
A
* Surface Mounted on FR4 Board, t ≤ 10 sec.
Pin Description
Ordering and Marking Information
A PM 9953
H andling C ode
T e m p . R an g e
P a ck age C o de
P a ck age C o de
K : S O -8
O peratin g Junction T e m p. R ange
C : -5 5 to 15 0°C
H andling C o de
T U : T u be
T R : T a pe & R e el
A P M 99 5 3 K :
APM 99 5 3
XXXXX
XXXXX - Da te C o d e

!
"#
$
%
&
5
/
5
/
,
,
,
,
SO − 8
P-Channel MOSFET
/
5
, ,
/
5
,
,


Similar Part No. - APM9953

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM9953K ANPEC-APM9953K Datasheet
118Kb / 10P
Dual P-Channel Enhancement Mode MOSFET
APM9953KC-TR ANPEC-APM9953KC-TR Datasheet
118Kb / 10P
Dual P-Channel Enhancement Mode MOSFET
APM9953KC-TRL ANPEC-APM9953KC-TRL Datasheet
118Kb / 10P
Dual P-Channel Enhancement Mode MOSFET
APM9953KC-TU ANPEC-APM9953KC-TU Datasheet
118Kb / 10P
Dual P-Channel Enhancement Mode MOSFET
APM9953KC-TUL ANPEC-APM9953KC-TUL Datasheet
118Kb / 10P
Dual P-Channel Enhancement Mode MOSFET
More results

Similar Description - APM9953

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com