Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSH344ID Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH344ID
Description  340MHz Single-Supply Triple Video Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH344ID Datasheet(HTML) 4 Page - STMicroelectronics

  TSH344ID Datasheet HTML 1Page - STMicroelectronics TSH344ID Datasheet HTML 2Page - STMicroelectronics TSH344ID Datasheet HTML 3Page - STMicroelectronics TSH344ID Datasheet HTML 4Page - STMicroelectronics TSH344ID Datasheet HTML 5Page - STMicroelectronics TSH344ID Datasheet HTML 6Page - STMicroelectronics TSH344ID Datasheet HTML 7Page - STMicroelectronics TSH344ID Datasheet HTML 8Page - STMicroelectronics TSH344ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical Characteristics
TSH344
4/14
Rev. 2
Noise and Distortion
eN
Total Input Voltage Noise
F = 100kHz, Rin = 50Ω
8nV/
√Hz
Rin = 50Ω
Bw=30MHz
Bw=100MHz
55
100
µVrms
HD2
2nd Harmonic Distortion
VOUT = 2Vp-p, RL = 150Ω
F= 10MHz
F= 30MHz
-57
-42
dBc
HD3
3rd Harmonic Distortion
VOUT = 2Vp-p, RL = 150Ω
F= 10MHz
F= 30MHz
-72
-51
dBc
1.
Output Offset Voltage is determined from the following expression:
VOUT =G.VIN+VOS
2.
Non-tested value. Guaranteed value by design.
Table 3.
VCC = +5V Single Supply, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com