Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP09N70P Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP09N70P
Description  N-CHANNEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP09N70P Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP09N70P Datasheet HTML 1Page - Advanced Power Electronics Corp. AP09N70P Datasheet HTML 2Page - Advanced Power Electronics Corp. AP09N70P Datasheet HTML 3Page - Advanced Power Electronics Corp. AP09N70P Datasheet HTML 4Page - Advanced Power Electronics Corp. AP09N70P Datasheet HTML 5Page - Advanced Power Electronics Corp. AP09N70P Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=1mA
/ -
600
-
-
V
VGS=0V, ID=1mA
/ A
675
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.6
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=4.5A
-
-
0.75
Ω
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
2
-
4
V
gfs
Forward Transconductance
VDS=10V, ID=4.5A
-
4.5
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=600V, VGS=0V
-
-
10
uA
Drain-Source Leakage Current (Tj=150
oC)
VDS=480V, VGS=0V
-
-
100
uA
IGSS
Gate-Source Leakage
VGS=-
-
nA
Qg
Total Gate Charge
3
ID=9A
-
44
-
nC
Qgs
Gate-Source Charge
VDS=480V
-
11
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=10V
-
12
-
nC
td(on)
Turn-on Delay Time
3
VDD=300V
-
19
-
ns
tr
Rise Time
ID=9A
-
21
-
ns
td(off)
Turn-off Delay Time
RG=10Ω,VGS=10V
-
56
-
ns
tf
Fall Time
RD=34Ω
-24
-
ns
Ciss
Input Capacitance
VGS=0V
-
2660
-
pF
Coss
Output Capacitance
VDS=25V
-
170
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
10
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IS
Continuous Source Current ( Body Diode )
VD=VG=0V , VS=1.5V
-
-
9
A
ISM
Pulsed Source Current ( Body Diode )
1
--
40
A
VSD
Forward On Voltage
3
Tj=25℃, IS=9A, VGS=0V
-
-
1.5
V
Notes:
1.Pulse width limited by safe operating area.
2.Starting Tj=25
oC , V
DD=50V , L=6.8mH , RG=25Ω , IAS=9A.
3.Pulse width <300us , duty cycle <2%.
Ordering Code
AP09N70P(/R)- X : X Denote BVDSS Grade
Blank = BVDSS 600V
A
= BVDSS 675V
AP09N70P/R
±100
± 30V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com