Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7622ACPD Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # ICL7622ACPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622ACPD Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button ICL7622ACPD Datasheet HTML 16Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 17Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 18Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 19Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 20Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 21Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 22Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 23Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
(TA = +25°C, unless otherwise noted.)
VOLTAGE FOLLOWER LARGE
SIGNAL PULSE RESPONSE
TIME – µs
100
60
80
40
20
0
-2
-4
4
2
0
8
6
-6
120
VSUPP = 10V
RL = 100k
CL = 100pF
TA = -25°C
IQ = 100µA
OUTPUT
INPUT
VOLTAGE FOLLOWER LARGE
SIGNAL PULSE RESPONSE
TIME – µs
10
6
8
4
2
0
-2
-4
4
2
0
8
6
-6
12
VSUPP = 10V
RL = 100k
CL = 100pF
TA = -25°C
IQ = 1mA
OUTPUT
INPUT
VOLTAGE FOLLOWER LARGE
SIGNAL PULSE RESPONSE
TIME – µs
1000
600 800
400
200
0
-2
-4
4
2
0
8
6
-6
1200
VSUPP = 10V
RL = 1M
CL = 100pF
TA = -25°C
IQ = 10µA
OUTPUT
INPUT
Typical Operating Characteristics (continued)
ICL761X–ICL764X
Single/Dual/Triple/Quad
Operational Amplifiers
Maxim Integrated │ 20
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com