Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX1489EC/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1489EC/D
Description  짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1489EC/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1489EC/D Datasheet HTML 1Page - Maxim Integrated Products MAX1489EC/D Datasheet HTML 2Page - Maxim Integrated Products MAX1489EC/D Datasheet HTML 3Page - Maxim Integrated Products MAX1489EC/D Datasheet HTML 4Page - Maxim Integrated Products MAX1489EC/D Datasheet HTML 5Page - Maxim Integrated Products MAX1489EC/D Datasheet HTML 6Page - Maxim Integrated Products MAX1489EC/D Datasheet HTML 7Page - Maxim Integrated Products MAX1489EC/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
_______________Detailed Description
±15kV ESD Protection
As with all Maxim devices, ESD protection structures
are incorporated on all pins to protect against electro-
static discharges encountered during handling and
assembly. The MAX1489E receiver inputs have extra
protection against static electricity found in normal
operation. Maxim’s engineers developed state-of-the-
art structures to protect these pins against ESD of
±15kV without damage. After an ESD event, the
MAX1489E keeps working without latchup.
ESD protection can be tested in various ways; the
receiver inputs are characterized for protection to the
following:
1) ±15kV using the Human Body Model
2) ±8kV using the Contact Discharge method speci-
fied in IEC1000-4-2 (formerly IEC801-2)
3) ±15kV using the Air-Gap Discharge method speci-
fied in IEC1000-4-2 (formerly IEC801-2).
ESD Test Conditions
Contact Maxim for a reliability report that documents
test setup, methodology, and results.
Human Body Model
Figure 2a shows the Human Body Model, and Figure
2b shows the current waveform it generates when dis-
charged into a low impedance. This model consists of
a 100pF capacitor charged to the ESD voltage of inter-
est, which is then discharged into the test device
through a 1.5k
Ω resistor.
IEC1000-4-2
The IEC100-4-2 standard covers ESD testing and per-
formance of finished equipment; it does not specifically
refer to integrated circuits. The MAX1489E helps you
design equipment that meets Level 4 (the highest level)
of IEC1000-4-2, without additional ESD protection com-
ponents.
The major difference between tests done using the
Human Body Model and IEC1000-4-2 is higher peak cur-
rent in IEC1000-4-2. Because series resistance is lower
in the IEC1000-4-2 ESD test model (Figure 3a), the ESD
withstand voltage measured to this standard is generally
lower than that measured using the Human Body Model.
Figure 3b shows the current waveform for the ±8kV
IEC1000-4-2 Level 4 ESD Contact Discharge test.
The Air-Gap test involves approaching the device with a
charged probe. The Contact Discharge method connects
the probe to the device before the probe is energized.
±15kV ESD-Protected, Quad,
Low-Power RS-232 Line Receiver
4
_______________________________________________________________________________________
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC 1M
Ω
RD 1500
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 2a. Human Body ESD Test Model
Figure 2b. Human Body Model Current Waveform



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com