Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE4308 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # PE4308
Description  75 Ohm RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4308 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  PE4308 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document No. 70-0162-04
│ www.psemi.com
Page 1 of 11
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
20 Lead 4x4 mm QFN
The PE4308 is a high linearity, 5-bit RF Digital Step Attenuator
(DSA) covering 31 dB attenuation range in 1dB steps, and is
pin compatible with the PE430x series. This 75-ohm RF DSA
provides both parallel (latched or direct mode) and serial
CMOS control interface, operates on a single 3-volt supply and
maintains high attenuation accuracy over frequency and
temperature. It also has a unique control interface that allows
the user to select an initial attenuation state at power-up. The
PE4308 exhibits very low insertion loss and low power
consumption. This functionality is delivered in a 4x4 mm QFN
footprint.
The PE4308 is manufactured on Peregrine’s UltraCMOS™
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
75
Ω RF Digital Attenuator
5-bit, 31 dB, DC – 4.0 GHz
Product Description
Figure 1. Functional Schematic Diagram
PE4308
Features
Attenuation: 1 dB steps to 31 dB
Flexible parallel and serial programming
interfaces
Latched or direct mode
Unique power-up state selection
Positive CMOS control logic
High attenuation accuracy and linearity
over temperature and frequency
Very low power consumption
Single-supply operation
75 Ω impedance
Pin compatible with PE430x series
Packaged in a 20 Lead 4x4 mm QFN
Table 1. Electrical Specifications @ +25°C, VDD = 3.0 V
Notes: 1. Device Linearity will begin to degrade below 1 MHz
2. See figures on Pages 4 to 6 for data across frequency.
3. Note Absolute Maximum in Table 3.
4. Measured in a 50
Ω system.
Control Logic Interface
Parallel Control
Power-Up Control
Serial Control
RF Input
RF Output
Switched Attenuator Array
5
3
2
Parameter
Test Conditions
Frequency
Minimum
Typical
Maximum
Units
Operation Frequency
DC
2000
MHz
Insertion Loss2
DC
≤ 1.2 GHz
-
1.4
1.95
dB
Attenuation Accuracy
Any Bit or Bit
Combination
DC
≤ 1.2 GHz
-
-
±(0.2 + 4% of atten setting)
Not to Exceed +0.4 dB
dB
dB
1 dB Compression3,4
1 MHz
≤ 1.2 GHz
30
34
-
dBm
Input IP31,2,4
Two-tone inputs up to
+18 dBm
1 MHz
≤ 1.2 GHz
-
52
-
dBm
Return Loss
DC
≤ 1.2 GHz
10
13
-
dB
Switching Speed
50% control to 0.5 dB
of final value
-
-
1
µs
Figure 2. Package Type


Similar Part No. - PE4308

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4308 PASTERNACK-PE4308 Datasheet
246Kb / 2P
BNC Female Connector Crimp/Solder Attachment For RG59, RG62
logo
Peregrine Semiconductor
PE4308 PSEMI-PE4308 Datasheet
504Kb / 11P
RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4308 PEREGRINE-PE4308 Datasheet
504Kb / 11P
75 廓 RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4308 PASTERNACK-PE4308 Datasheet
357Kb / 3P
BNC Female Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor
PE4308 PSEMI-PE4308_14 Datasheet
1Mb / 11P
75 廓 RF Digital Attenuator
More results

Similar Description - PE4308

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-260 MACOM-AT-260 Datasheet
97Kb / 2P
Digital Attenuator, 31 dB, 5-Bit DC . 2 GHz
AT90-0263 MACOM-AT90-0263 Datasheet
268Kb / 5P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE4302DS PEREGRINE-PE4302DS Datasheet
456Kb / 11P
50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Tyco Electronics
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
MAATSS0020 MACOM-MAATSS0020 Datasheet
110Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0020 MA-COM-MAATSS0020 Datasheet
119Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
AT-260 MA-COM-AT-260 Datasheet
92Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
MAADSS0016 MA-COM-MAADSS0016 Datasheet
198Kb / 4P
Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com