Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCIMX6DP4CVT2AA Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SCIMX6DP4CVT2AA
Description  i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4CVT2AA Datasheet(HTML) 3 Page - NXP Semiconductors

  SCIMX6DP4CVT2AA Datasheet HTML 1Page - NXP Semiconductors SCIMX6DP4CVT2AA Datasheet HTML 2Page - NXP Semiconductors SCIMX6DP4CVT2AA Datasheet HTML 3Page - NXP Semiconductors SCIMX6DP4CVT2AA Datasheet HTML 4Page - NXP Semiconductors SCIMX6DP4CVT2AA Datasheet HTML 5Page - NXP Semiconductors SCIMX6DP4CVT2AA Datasheet HTML 6Page - NXP Semiconductors SCIMX6DP4CVT2AA Datasheet HTML 7Page - NXP Semiconductors SCIMX6DP4CVT2AA Datasheet HTML 8Page - NXP Semiconductors SCIMX6DP4CVT2AA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 168 page
background image
Introduction
i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018
NXP Semiconductors
3
•
Integrated power management—The processors integrate linear regulators and internally generate
voltage levels for different domains. This significantly simplifies system power management
structure.
1.1
Ordering Information
Table 1 shows examples of orderable part numbers covered by this data sheet. This table does not include
all possible orderable part numbers. The latest part numbers are available on nxp.com/imx6series. If your
desired part number is not listed in the table, or you have questions about available parts, see
nxp.com/imx6series or contact your NXP representative.
Figure 1 describes the part number nomenclature to identify the characteristics of the specific part number
you have (for example, cores, frequency, temperature grade, fuse options, silicon revision). Figure 1
applies to the i.MX 6DualPlus/6QuadPlus.
The two characteristics that identify which data sheet a specific part applies to are the part number series
field and the temperature grade (junction) field:
•
The i.MX 6DualPlus/6QuadPlus Automotive Applications Processors data sheet (IMX6DQPAEC)
covers parts listed for the “Plus” series and with “A” indicating automotive temperature.
•The i.MX 6DualPlus/6QuadPlus Applications Processors for Consumer Products data sheet
(IMX6DQPCEC) covers parts listed with “D (Commercial temp)” or “E (Extended Commercial
temp)”
•
The i.MX 6DualPlus/6QuadPlus Applications Processors for Industrial Products data sheet
(IMX6DQPIEC) covers parts listed with “C (Industrial temp)”
Table 1. Example Orderable Part Numbers
Part Number
Quad/Dual
CPU Options
Speed1
1 For 1 GHz speed grade: If a 24 MHz clock is used (required for USB), then the maximum SoC speed is limited to 996 MHz.
Temperature Grade
Package
MCIMX6DP5EYM1AA i.MX 6DualPlus
VPU, GPU
1GHz
Extended commercial
21 mm x 21 mm, 0.8 mm
pitch, FCPBGA (non-lidded)
MCIMX6DP5EYM1AB i.MX 6DualPlus
VPU, GPU
1 GHz
Extended commercial
21 mm x 21 mm, 0.8 mm
pitch, FCPBGA (non-lidded)
MCIMX6QP5EYM1AA i.MX 6QuadPlus
VPU, GPU
1GHz
Extended commercial
21 mm x 21 mm, 0.8 mm
pitch, FCPBGA (non-lidded)
MCIMX6QP5EYM1AB i.MX 6QuadPlus
VPU, GPU
1 GHz
Extended commercial
21 mm x 21 mm, 0.8 mm
pitch, FCPBGA (non-lidded)
MCIMX6DP5EVT2AA
i.MX 6DualPlus
VPU, GPU
1.2 GHz Extended commercial
21 mm x 21 mm, 0.8 mm
pitch, FCPBGA (lidded)
MCIMX6DP5EVT2AB
i.MX 6DualPlus
VPU, GPU
1.2 GHz Extended commercial
21 mm x 21 mm, 0.8 mm
pitch, FCPBGA (lidded)
MCIMX6QP5EVT2AA i.MX 6QuadPlus
VPU, GPU
1.2 GHz Extended commercial
21 mm x 21 mm, 0.8 mm
pitch, FCPBGA (lidded)
MCIMX6QP5EVT2AB i.MX 6QuadPlus
VPU, GPU
1.2 GHz Extended commercial
21 mm x 21 mm, 0.8 mm
pitch, FCPBGA (lidded)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com