| Electronic Components Datasheet Search |
|
SCIMX6DP4EYM8AB Datasheet(PDF) 100 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCIMX6DP4EYM8AB Datasheet(HTML) 100 Page - NXP Semiconductors |
|
100 / 160 page ![]() i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018 100 NXP Semiconductors Electrical Characteristics 4.12.10.6.2 LCD Interface Functional Description Figure 60 depicts the LCD interface timing for a generic active matrix color TFT panel. In this figure, signals are shown with negative polarity. The sequence of events for active matrix interface timing is: • DI_CLK internal DI clock is used for calculation of other controls. • IPP_DISP_CLK latches data into the panel on its negative edge (when positive polarity is selected). In active mode, IPP_DISP_CLK runs continuously. • HSYNC causes the panel to start a new line. (Usually IPUx_DIx_PIN02 is used as HSYNC.) • VSYNC causes the panel to start a new frame. It always encompasses at least one HSYNC pulse. (Usually IPUx_DIx_PIN03 is used as VSYNC.) • DRDY acts like an output enable signal to the CRT display. This output enables the data to be shifted onto the display. When disabled, the data is invalid and the trace is off. (DRDY can be used either synchronous or asynchronous generic purpose pin as well.) Figure 60. Interface Timing Diagram for TFT (Active Matrix) Panels 4.12.10.6.3 TFT Panel Sync Pulse Timing Diagrams Figure 61 depicts the horizontal timing (timing of one line), including both the horizontal sync pulse and the data. All the parameters shown in the figure are programmable. All controls are started by corresponding internal events—local start points. The timing diagrams correspond to inverse polarity of the IPP_DISP_CLK signal and active-low polarity of the HSYNC, VSYNC, and DRDY signals. 12 3 m m–1 HSYNC VSYNC HSYNC LINE 1 LINE 2 LINE 3 LINE 4 LINE n-1 LINE n DRDY IPP_DISP_CLK IPP_DATA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |