Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCIMX6DP4AYM8AB Datasheet(PDF) 95 Page - NXP Semiconductors

Part # SCIMX6DP4AYM8AB
Description  i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4AYM8AB Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button SCIMX6DP4AYM8AB Datasheet HTML 91Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 92Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 93Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 94Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 95Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 96Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 97Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 98Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 160 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018
NXP Semiconductors
95
stops receiving data from the stream. For the next line, the IPU2_CSIx_HSYNC timing repeats. For the
next frame, the IPU2_CSIx_VSYNC timing repeats.
4.12.10.2.3 Non-Gated Clock Mode
The timing is the same as the gated-clock mode (described in Section 4.12.10.2.2, “Gated Clock Mode,”)
except for the IPU2_CSIx_HSYNC signal, which is not used (see Figure 58). All incoming pixel clocks
are valid and cause data to be latched into the input FIFO. The IPU2_CSIx_PIX_CLK signal is inactive
(states low) until valid data is going to be transmitted over the bus.
Figure 58. Non-Gated Clock Mode Timing Diagram
The timing described in Figure 58 is that of a typical sensor. Some other sensors may have a slightly
different timing. The CSI can be programmed to support rising/falling-edge triggered
IPU2_CSIx_VSYNC; active-high/low IPU2_CSIx_HSYNC; and rising/falling-edge triggered
IPU2_CSIx_PIX_CLK.
IPU2_CSIx_VSYNC
IPU2_CSIx_PIX_CLK
IPU2_CSIx_DATA_EN[19:0]
invalid
1st byte
n+1th frame
invalid
1st byte
nth frame
Start of Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com