Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCIMX6DP7AVT1AB Datasheet(PDF) 77 Page - NXP Semiconductors

Part # SCIMX6DP7AVT1AB
Description  i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7AVT1AB Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button SCIMX6DP7AVT1AB Datasheet HTML 73Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 74Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 75Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 76Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 77Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 78Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 79Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 80Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 168 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018
NXP Semiconductors
77
81
ESAI_TX_CLK rising edge to ESAI_TX_FS out (wr) low5
—
—
—
—
—
—
22.0
12.0
x ck
i ck
ns
82
ESAI_TX_CLK rising edge to ESAI_TX_FS out (wl) high
—
—
—
—
—
—
19.0
9.0
x ck
i ck
ns
83
ESAI_TX_CLK rising edge to ESAI_TX_FS out (wl) low
—
—
—
—
—
—
20.0
10.0
x ck
i ck
ns
84
ESAI_TX_CLK rising edge to data out enable from high
impedance
—
—
—
—
—
—
22.0
17.0
x ck
i ck
ns
86
ESAI_TX_CLK rising edge to data out valid
—
—
—
—
—
—
19.0
13.0
x ck
i ck
ns
87
ESAI_TX_CLK rising edge to data out high impedance 67
—
—
—
—
—
—
21.0
16.0
x ck
i ck
ns
89
ESAI_TX_FS input (bl, wr) setup time before
ESAI_TX_CLK falling edge5
—
—
—
—
2.0
18.0
—
—
x ck
i ck
ns
90
ESAI_TX_FS input (wl) setup time before ESAI_TX_CLK
falling edge
—
—
—
—
2.0
18.0
—
—
x ck
i ck
ns
91
ESAI_TX_FS input hold time after ESAI_TX_CLK falling
edge
—
—
—
—
4.0
5.0
—
—
x ck
i ck
ns
95
ESAI_RX_HF_CLK/ESAI_TX_HF_CLK clock cycle
—
2 x TC
15
—
—
ns
96
ESAI_TX_HF_CLK input rising edge to ESAI_TX_CLK
output
——
—
18.0
—
ns
97
ESAI_RX_HF_CLK input rising edge to ESAI_RX_CLK
output
——
—
18.0
—
ns
1 i ck = internal clock
x ck = external clock
i ck a = internal clock, asynchronous mode
(asynchronous implies that ESAI_TX_CLK and ESAI_RX_CLK are two different clocks)
i ck s = internal clock, synchronous mode
(synchronous implies that ESAI_TX_CLK and ESAI_RX_CLK are the same clock)
2 bl = bit length
wl = word length
wr = word length relative
3 ESAI_TX_CLK(ESAI_TX_CLK pin) = transmit clock
ESAI_RX_CLK(ESAI_RX_CLK pin) = receive clock
ESAI_TX_FS(ESAI_TX_FS pin) = transmit frame sync
ESAI_RX_FS(ESAI_RX_FS pin) = receive frame sync
ESAI_TX_HF_CLK(ESAI_TX_HF_CLK pin) = transmit high frequency clock
ESAI_RX_HF_CLK(ESAI_RX_HF_CLK pin) = receive high frequency clock
4 For the internal clock, the external clock cycle is defined by Icyc and the ESAI control register.
5 The word-relative frame sync signal waveform relative to the clock operates in the same manner as the bit-length frame sync
signal waveform, but it spreads from one serial clock before the first bit clock (like the bit length frame sync signal), until the
second-to-last bit clock of the first word in the frame.
6 Periodically sampled and not 100% tested.
Table 49. Enhanced Serial Audio Interface (ESAI) Timing (continued)
ID
Parameter1,2
Symbol
Expression2
Min
Max
Condition3 Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com