| Electronic Components Datasheet Search |
|
SCIMX6DP7AVT1AB Datasheet(PDF) 113 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCIMX6DP7AVT1AB Datasheet(HTML) 113 Page - NXP Semiconductors |
|
113 / 168 page ![]() Electrical Characteristics i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018 NXP Semiconductors 113 4.12.12.9 Low-Power Receiver Timing Figure 72. Input Glitch Rejection of Low-Power Receivers 4.12.13 HSI Host Controller Timing Parameters This section describes the timing parameters of the HSI Host Controller which are compliant with High-Speed Synchronous Serial Interface (HSI) Physical Layer specification version 1.01. 4.12.13.1 Synchronous Data Flow Figure 73. Synchronized Data Flow READY Signal Timing (Frame and Stream Transmission) 4.12.13.2 Pipelined Data Flow Figure 74. Pipelined Data Flow READY Signal Timing (Frame Transmission Mode) 2*TLPX 2*TLPX TMIN-RX TMIN-RX eSPIKE eSPIKE Input Output VIH VIL N-bits Frame N-bits Frame First bit of frame t NomBit Last bit of frame First bit of frame Last bit of frame DATA FLAG READY Receiver has detected the start of the Frame Receiver has captured and stored a complete Frame N-bits Frame Last bit of frame DATA FLAG N-bits Frame First bit of frame t NomBit Last bit of frame First bit of frame READY A Ready can change B Ready shall not change to zero Last bit of frame C. Ready can change D. Ready shall maintain zero of if receiver does not have free space E. Ready can change F. Ready shall maintain its value G. Ready can change |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |