Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FUSBLC6-2 Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # FUSBLC6-2
Description  Low Capacitance TVS Array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FUSBLC6-2 Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FUSBLC6-2 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FUSBLC6-2 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FUSBLC6-2 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FUSBLC6-2 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FUSBLC6-2 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd FUSBLC6-2 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd FUSBLC6-2 Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd FUSBLC6-2 Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd FUSBLC6-2 Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
FUSBLC6-2/FDA0561T
Low Capacitance TVS Array
Document Number:F11910A
26-May-2021 V 2.0
www.futurewafer.com.tw
1. Applications
●
10/100/1000 Ethernet Ports
●
Compatible with USB 1.1 Low And Full Speed
●
SIM Card Protection
●
Video Line Protection
●
Ethernet
●
USB 2.0 Ports Up to 480 Mb/s (High Speed)
2. Feature List
●
With TVS Diode
●
ESD Protection:Level 4
●
Low Clamping Voltage @IPP = 5A<17V
●
90 Watts Peak Pulse Power Per Line(tp = 8/20uS)
●
Ultra Low Capacitance:0.6pf Max.(Any I/O to I/O.)
●
2 Data-Line Protection
●
Protects VBUS
SOT23-6
FUSBLC6-2
Pin
Identification
1,3,4,6
Input lines
5
VBUS
2
Ground
SOT-563
FDA0561T
5. Absolute Maximum Ratings
Maximum Ratings@ TA = 25°C Unless Otherwise Specified
Parameter
Symbol
Test Condition
Value
Units
Min.
Max.
Typ.
Working Voltage
V RWM
-
5.0
V
-
Peak Pulse Power
P PP
8/20 us,
Current Waveform
-
90
Watts
-
Peak Pulse Current
I PP
-
+5
A
-
Electrostatic Discharge
V ESD (Contact)
R = 330Ω,C = 150pF
-
20
KV
+
20
-
V ESD (Air)
-
25
+
25
-
Operating Temperature
T OP
-
55
+
150
°
C
-
Storage Temperature
T STG
-
65
+
150
-
4. Mechanical Characteristics
●
Molded JEDEC Package
- SOT 23-6L
- SOT 563-6L
●
Packing: Tape and Reel
●
Flammability rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification :Level 1
3. IEC Compatibility
●
ESD / Transient Protection According to:
- IEC61000-4-2(ESD) : ±20KV(Contact) / ±25KV(Air)
- IEC61000-4-4(EFT) : 40A (5/50ns)
- IEC61000-4-5(Surge) : 5A (8/20us)


Similar Part No. - FUSBLC6-2

ManufacturerPart #DatasheetDescription
logo
RFE international
FUSB RFE-FUSB Datasheet
260Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/29
logo
PANDUIT CORP.
FUSB PANDUIT-FUSB Datasheet
1Mb / 2P
2x2 and 4x4 Fiber-Duct™ Routing System
1/2014
logo
DB Lectro Inc
FUSB075 DBLECTRO-FUSB075 Datasheet
112Kb / 3P
Radial Leaded PTC FUSB Series
logo
RFE international
FUSB075F RFE-FUSB075F Datasheet
126Kb / 1P
Radial Leaded PPTC FUSB Series
logo
Fuzetec Technology Co.,...
FUSB075F FUZETEC-FUSB075F Datasheet
138Kb / 4P
Radial Leaded PTC Resettable Fuse: FUSB Series
More results

Similar Description - FUSBLC6-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
LOW CAPACITANCE TVS ARRAY
logo
Protek Devices
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
LOW CAPACITANCE TVS ARRAY
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
LOW CAPACITANCE TVS ARRAY
PAM06SC7905S PROTEC-PAM06SC7905S Datasheet
437Kb / 6P
LOW CAPACITANCE TVS ARRAY
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com