Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX9727 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9727
Description  Quad Audio Line Driver with 3VRMS Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9727 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9727_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX9727_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX9727_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX9727_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX9727_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX9727_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX9727_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX9727_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX9727_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Quad Audio Line Driver with 3VRMS Output
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = PVDD = 3.3V, PGND = 0V, SHDN = VDD, VCM = 0V, C1 = C2 = 1µF, RIN = RF = 5kΩ, RL = ∞, TA = TMIN to TMAX. Typical val-
ues are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD, PVDD to PGND.................................................-0.3V to +6V
VSS, PVSS to PGND ..................................................-6V to +0.3V
IN_ to PGND ..................................(VSS + 0.3V) to (PVDD - 0.3V)
OUT_ to PGND...............................(VSS - 0.3V) to (PVDD + 0.3V)
SHDN to PGND..........................(PGND - 0.3V) to (PVDD + 0.3V)
C1P to PGND.............................(PGND - 0.3V) to (PVDD + 0.3V)
C1N to PGND .............................(PVSS - 0.3V) to (PGND + 0.3V)
Output Short Circuit to PGND or PVDD.......................Continuous
Continuous Power Dissipation (TA = +70°C)
20-Pin QSOP Single-Layer Board
(derate 9.1mW/°C above +70°C) ..................................727mW
20-Pin QSOP Multilayer Board
(derate 11mW/°C above +70°C) ...................................884mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Supply Voltage Range
VDD
Inferred from PSRR test
2.7
5.5
V
Quiescent Current
IDD
Current into VDD and PVDD
12
14
mA
Shutdown Current
IDD, SHDN
VSHDN = 0V
0.1
10
µA
AMPLIFIERS
Input Offset Voltage
VOS
±0.5
±5
mV
Input Bias Current
IBIAS
1000
nA
Input Offset Current
IOS
500
nA
Open-Loop Gain
AV
VOUT = -3V to +3V, RL = 1k
Ω
82
dB
VDD = 2.7V
-1.6
+1.6
VDD = 3V
-2.3
+2.3
Input Common-Mode Voltage
Range
CMR
VDD = 5V
-3.5
+3.5
V
VDD = 2.7V, VCM = ±1.6V
80
100
VDD = 3V, VCM = ±1.9V
80
100
Common-Mode Rejection Ratio
CMRR
VDD = 5V, VCM = ±3.5V
80
100
dB
VDD = PVDD = 2.7V to 5.5V
80
100
Power-Supply Rejection Ratio
PSRR
f = 1kHz, VDD = PVDD = 5V + 100mVP-P
ripple
60
dB
RL = 1k
Ω, VDD = 3.3V, THD+N = 1%
1.6
2.0
Output Voltage
RL = 1k
Ω, VDD = 5V, THD+N = 1%
2.0
3.0
VRMS
Positive
2.6
3.0
RL = 1k
Ω,
VDD = 3.3V
Negative
-2.6
-3.0
Positive
3.5
4.2
Output Voltage Swing
VOUT
RL = 1k
Ω,
VDD = 5V
Negative
-3.5
-4.1
V
Sinking
40
Output Short-Circuit Current
ISC
Sourcing
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com