| Electronic Components Datasheet Search |
|
CS92210 Datasheet(PDF) 2 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS92210 Datasheet(HTML) 2 Page - Cirrus Logic |
|
2 / 2 page ![]() © 2001, Cirrus Logic, Inc. All rights reserved. Cirrus, Cirrus Logic, Crystal and Maverick are registered trademarks of Cirrus Logic, Inc. 0023-0102-PB For more information, visit us at www.cirrus.com Technical Overview WORLDWIDE SALES WORLDWIDE DISTRIBUTION Cirrus Logic, Inc. Corporate Headquarters 4210 S. Industrial Drive Austin, TX 78744 USA T (512) 445-7222 T (800) 888-5016 F (512) 912-3977 www.cirrus.com United States: Asia, Europe, and Japan: Please access our website, www.cirrus.com, for your nearest local distributor. Regional Offices: United States Cirrus Logic, Inc. 46831 Lakeview Blvd Fremont, California 94538 T (510) 623-8300 F (510) 252-6020 Japan Cirrus Logic K.K. Aioi Sonpo, bldg 6F 5-6 Niban-cho, Chiyoda-ku Tokyo, Japan T 81-3-5226-7390 F 81-3-5226-7677 Asia Cirrus Logic Intl. Ltd. 20F., Ocean Building 80 Shanghai Street Kowloon, Hong Kong, China T 852-2376-0801 T 852-2314-9920 F 852-2375-1202 Europe Cirrus Logic UK 4-5 Anglers Court 33-44 Spittal Street Marlow, Bucks SL71DB England T 44-0-1628-472-211 F 44-0-1628-486-114 Insight Electronics 9980 Huennekens San Diego, California 92121 T (800) 677-6011 F (858) 450-8550 www.insight-electronics.com Nu Horizons 70 Maxess Road Melville, New York 11747 T (631) 396-5000 F (631) 396-5060 www.nuhorizons.com CS92210 The CS92210 is organized as a process pipeline that imple- ments the MPEG-2 encoding and decoding algorithms. The CS92210 provides application program control over a large number of encoding parameters such as I, P, B-picture cadence, GOP structure and decoder buffer sizes. For communications applications, the CS92210 can match its output bit rate to the channel rate. This feature allows the host controller to make bit rate changes as needed to demonstrate better bandwidth utilization across multiple channels. Internal rate control provides a high degree of flexibility in relation to the output bit rate, including the ability to generate variable bitrate compressed video stream in one pass. This makes it suitable for storage sensitive applications such as digital camcorders and personal video recorders (PVRs). The CS92210 also has features geared toward MPEG-2 pub- lishing and authoring systems. Pre- and post-processing supports includes pre- and post-fil- tering and up and down chroma conversions. Other features include: DMA in either 8-b or 16-b modes Encodes/decodes full D1 to QCIF video resolutions Bit rates up to 15 Mb/s in either CBR or VBR modes Debugging and DMA monitoring control Asynchronous video and system clocks Support for commodity video NTSC/PAL encoders and decoders VCD, Super-VCD Support The CS92210 supports MPEG-1 and MPEG-2 video encoding at 1/2 (VCD), 2/3 (SVCD), and full D1 resolutions. In addition, the CS92210’s versatile pre-processing features allow the input video to be either scaled or cropped to the desired encode size. Interfaces The CS92210 includes a 64-bit SDRAM memory interface, a video interface, 16-bit Motorola/Intel host interface, a generic 8-bit interface, and a serial EPROM /Flash memory interface. Applications The CS92210 can be used in a variety of applications: VCD, Super-VCD player and recorder DVD-recordable products Advanced set-top boxes Personal video recorder (time shifting) PC-based content creation/editing boards USB-based products for video capture and display |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |