Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX3762E/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3762E/D
Description  Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3762E/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3762E/D Datasheet HTML 1Page - Maxim Integrated Products MAX3762E/D Datasheet HTML 2Page - Maxim Integrated Products MAX3762E/D Datasheet HTML 3Page - Maxim Integrated Products MAX3762E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3762E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3762E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3762E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3762E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3762E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Power, 622Mbps Limiting Amplifiers
with Chatter-Free Power Detect for LANs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to +5.5V, DISABLE = low, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +5.0V, TA = +25°C.)
(Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Dice are tested at TA = +25°C.
Note 2: Outputs terminated with 50
Ω to VCC - 2V.
Note 3: Voltage measurements are relative to VCC.
VCC, VCCO............................................................-0.5V to +7.0V
FILTER, RSSI, EN, VIN+, VIN-, CZP, CZN,
DISABLE, LOS+, LOS-, INV, VTH...............-0.5V to (VCC + 0.5V)
PECL Output Current (OUT+, OUT-, LOS+, LOS-) ............50mA
Continuous Power Dissipation (TA = +85°C)
QSOP (derate 9.1mW/°C above +85°C) .......................591mW
Operating Junction Temperature Range ...........-40°C to +150°C
Processing Temperature (die) .........................................+400°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX3762, IVCC
MAX3761, IVCC
DISABLE = high
DISABLE = high
MAX3761
MAX3761
(Notes 2, 3)
(Notes 2, 3)
Logic high
MAX3762 (Notes 2, 3)
MAX3761
MAX3761
MAX3762 (Note 3)
MAX3762 (Notes 2, 3)
MAX3762 (Note 3)
CONDITIONS
V
VCC - 0.7
VCC -1.2
Disabled Common-Mode Output
mV
-100
100
Disabled Differential Output
mV
-1830
-1555
PECL Data Output Voltage Low (VOL)
mV
-1150
-880
PECL Data Output Voltage High (VOH)
mV
-1470
DISABLE Input PECL Low
mV
-1160
DISABLE Input PECL High
mA
30
46
25
37
Power-Supply Current
V
0.8
DISABLE Input Low
V
2.65
DISABLE Input High
μA
100
DISABLE Input Current
mV
-1830
-1555
LOS Output PECL Low
V
2.8
LOS Output TTL High
V
0.40
LOS Output TTL Low
mV
-1150
-880
LOS Output PECL High
UNITS
MIN
TYP
MAX
PARAMETER
(TA = +25°C to +85°C)
(TA = -40°C to +25°C)
0.44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com