Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF900R12IP4DV Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # DF900R12IP4DV
Description  Technische Information / Technical Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DF900R12IP4DV Datasheet(HTML) 7 Page - Infineon Technologies AG

  DF900R12IP4DV Datasheet HTML 1Page - Infineon Technologies AG DF900R12IP4DV Datasheet HTML 2Page - Infineon Technologies AG DF900R12IP4DV Datasheet HTML 3Page - Infineon Technologies AG DF900R12IP4DV Datasheet HTML 4Page - Infineon Technologies AG DF900R12IP4DV Datasheet HTML 5Page - Infineon Technologies AG DF900R12IP4DV Datasheet HTML 6Page - Infineon Technologies AG DF900R12IP4DV Datasheet HTML 7Page - Infineon Technologies AG DF900R12IP4DV Datasheet HTML 8Page - Infineon Technologies AG DF900R12IP4DV Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
TechnischeInformation/TechnicalInformation
DF900R12IP4DV
IGBT-Module
IGBT-modules
preparedby:TA
approvedby:IB
dateofpublication:2014-04-28
revision:2.0
VorläufigeDaten
PreliminaryData
SchaltverlusteDiode-Chopper(typisch)
switchinglossesDiode-Chopper(typical)
Erec=f(IF)
RGon=1.6
Ω,VCE=600V
IF [A]
0
200
400
600
800 1000 1200 1400 1600 1800
0
20
40
60
80
100
120
140
160
180
Erec, Tvj = 125°C
Erec, Tvj = 150°C
SchaltverlusteDiode-Chopper(typisch)
switchinglossesDiode-Chopper(typical)
Erec=f(RG)
IF=900A,VCE=600V
RG [
Ω]
0
2
4
6
8
10
12
14
16
0
20
40
60
80
100
120
140
Erec, Tvj = 125°C
Erec, Tvj = 150°C
TransienterWärmewiderstandDiode-Chopper
transientthermalimpedanceDiode-Chopper
ZthJC=f(t)
t [s]
0,001
0,01
0,1
1
10
0,1
1
10
100
ZthJC : Diode
i:
ri[K/kW]:
τi[s]:
1
3,1
0,0008
2
8,8
0,013
3
24,5
0,05
4
0,6
0,6
NTC-Widerstand-Temperaturkennlinie(typisch)
NTC-Thermistor-temperaturecharacteristic(typical)
R=f(T)
TC [°C]
0
20
40
60
80
100
120
140
160
100
1000
10000
100000
Rtyp



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com