Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPZ5-32C Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MPZ5-32C
Description  High Power Transient Voltage Suppressor and Zener
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MPZ5-32C Datasheet(HTML) 1 Page - Microsemi Corporation

  MPZ5-32C Datasheet HTML 1Page - Microsemi Corporation MPZ5-32C Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Power Transient Voltage Suppressor
and Zener
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2003
03-14-2003 REV 0
SCOTTSDALE DIVISION
MPZ5-16, MPZ5-32, & MPZ5-180 Series
DESCRIPTION
APPEARANCE
This high power Transient Voltage Suppressor and Zener is designed for
applications requiring protection of voltage-sensitive electronic devices
that may be damaged by high power or high energy voltage transients
including lightning per IEC61000-4-5 and classes 1-4 with various source
impedances described herein. Individual cells are matched to ensure
current-sharing under high current pulse conditions and for continuous
operation as a Zener when required.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
•
Peak surge power capacity given from 0.1 ms to 10
seconds.
•
Low clamping factor
•
Negligible power loss
•
Small size and weight for 350 W dc rating
•
Low thermal resistance junction to base plate
•
Working Standoff Voltages 14 to 165 Volts
•
Following variations are also available:
-
Non-Standard Voltages
-
Higher Power Capacity
-
Other Package Configurations
•
High Power Voltage Regulation
•
High Power Transient Voltage Protection from
Lightning per IEC61000-4-5 for class 1,2,3,4, and 5
with source impedance of 42 Ohms
•
High Power Transient Voltage Protection from
Lightning per IEC61000-4-5 for class 1,2,3, and 4
with source impedance of 12 Ohms for MPZ5-16
and MPZ5-32 device types
•
High Power Transient Voltage Protection from
Lightning per IEC61000-4-5 for class 2 and 3 with
source impedance of 2 Ohms for MPZ5-16 and
MPZ-32 as well as class 4 for MPZ5-16
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
•
Transient Peak Pulse Power: 40 kW at 0.1 ms and
8 kW at 1.0 ms (sq. wave) or 12 kW @ 10/1000 us
•
DC Power Dissipation: 350 Watts @ TC = 25
oC
(Derate 2.33 W/
oC above 25oC)
•
Operating junction & storage temperature range:
-65
oC to +175oC.
•
Robust copper heat-sink mounting plates and cells
•
Finish: Nickel-Solder Plated
•
Polarity: Anode-to-Case is standard. Cathode-to-
Case available upon request.
•
Weight: 61 grams (approximate)
ELECTRICAL CHARACTERISTICS (TA = 25oC, V
F
= 1.5 V max @ 10 A for all types)
Rated Standoff
Voltage
(Note 1)
Minimum
Zener Voltage
Maximum Zener
Voltage
Pulse Width = 1.0 ms
Type
VWM
Vdc
VWM
Vrms
Maximum Device
Clamping Factor
CF= VZ @ IZ(pulse)
Vz @ Izt
(Note 2)
VZ (min) @ IZT
Vdc
Adc
VZ (max) @ IZ (pulse)
Vdc
Adc
Maximum
Standby Current
ID
@ VWM
µAdc
Typical
Capacitance
C (typ)
@ VWM
µF
MPZ5-16A
MPZ5-16B
MPZ5-32A
MPZ5-32B
MPZ5-32C
MPZ5-180A
MPZ5-180B
MPZ5-180C
14
14
28
28
28
165
165
165
10
10
20
20
20
117
117
117
1.25
1.25
1.25
1.25
1.25
1.14
1.14
1.14
16
16
32
32
32
180
180
180
0.4
0.4
0.2
0.2
0.2
0.03
0.03
0.03
24
20
50
45
40
250
225
205
200
200
100
100
100
20
20
20
50
50
50
50
50
50
50
50
0.025
0.025
0.011
0.011
0.011
0.0012
0.0012
0.0012
NOTE 1: Rated Standoff Voltage (VWM) is defined as normal input voltage to device for non-operating condition. If non-sinusoidal wave or dc
input is present, the peak operating voltage input values for VWM should be used to select device type.
NOTE 2: The maximum device clamping factor CF is a ratio of VZ measured at IZ (pulse) given in the Electrical Characteristics Table divided by VZ
measured at IZT under steady state conditions. This value guarantees the sharpness of the voltage breakdown of individual devices.
Figure 2 demonstrates the typical sharpness of the breakdown, and indicates the voltage regulation over a wide range of currents where
the change in voltage
êVZ is as follows: êV
Z = VZ @ IZ (pulse) – VZ @ IZT


Similar Part No. - MPZ5-32C

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MPZ5-32C NJSEMI-MPZ5-32C Datasheet
88Kb / 1P
High Power Transient Voltage Suppressor and Zener
More results

Similar Description - MPZ5-32C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MA3075WALT1 ONSEMI-MA3075WALT1 Datasheet
51Kb / 8P
Zener Transient Voltage Suppressor
January, 2002 ??Rev. 1
DF3A6.8FUT1 ONSEMI-DF3A6.8FUT1 Datasheet
49Kb / 4P
Zener Transient Voltage Suppressor
July, 2004 ??Rev. 1
logo
STMicroelectronics
ESDA7P60-1U1M STMICROELECTRONICS-ESDA7P60-1U1M Datasheet
374Kb / 10P
High power transient voltage suppressor
14-Oct-2015
ESDA13P70-1U1M STMICROELECTRONICS-ESDA13P70-1U1M Datasheet
367Kb / 10P
High power transient voltage suppressor
03-Nov-2015
ESDA8P80-1U1M STMICROELECTRONICS-ESDA8P80-1U1M Datasheet
348Kb / 10P
High power transient voltage suppressor
02-Mar-2016
ESDA17P50-1U1M STMICROELECTRONICS-ESDA17P50-1U1M Datasheet
605Kb / 10P
High power transient voltage suppressor
25-Jul-2016
logo
ON Semiconductor
MA3075WALT1G ONSEMI-MA3075WALT1G Datasheet
90Kb / 4P
Zener Transient Voltage Suppressor
October, 2016 ??Rev. 3
logo
New Jersey Semi-Conduct...
MPZ5-16 NJSEMI-MPZ5-16 Datasheet
88Kb / 1P
High Power Transient Voltage Suppressor and Zener
logo
STMicroelectronics
ESDA22P150-1U3M STMICROELECTRONICS-ESDA22P150-1U3M Datasheet
358Kb / 12P
High power transient voltage suppressor
24-May-2018
ESDA24P140-1U3M STMICROELECTRONICS-ESDA24P140-1U3M Datasheet
358Kb / 12P
High power transient voltage suppressor
22-May-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com