Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1933T-I/JQ Datasheet(PDF) 21 Page - Microchip Technology

Part # PAC1933T-I/JQ
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1933T-I/JQ Datasheet(HTML) 21 Page - Microchip Technology

Back Button PAC1933T-I/JQ Datasheet HTML 17Page - Microchip Technology PAC1933T-I/JQ Datasheet HTML 18Page - Microchip Technology PAC1933T-I/JQ Datasheet HTML 19Page - Microchip Technology PAC1933T-I/JQ Datasheet HTML 20Page - Microchip Technology PAC1933T-I/JQ Datasheet HTML 21Page - Microchip Technology PAC1933T-I/JQ Datasheet HTML 22Page - Microchip Technology PAC1933T-I/JQ Datasheet HTML 23Page - Microchip Technology PAC1933T-I/JQ Datasheet HTML 24Page - Microchip Technology PAC1933T-I/JQ Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
 2017-2019 Microchip Technology Inc.
DS20005850E-page 21
PAC1931/2/3/4
4.5
Voltage Measurement
The VBUS voltage for each channel is measured by the
SENSE+ pin for each channel. A high-voltage
multiplexer is connected to each SENSE+ pin, and the
multiplexer sequentially connects each SENSE+ input
to an ADC for conversion. The result is stored in a
16-bit VBUS results register and the 14 MSBs are
multiplied by the VSENSE number for the VPOWER
results value. The VPOWER results are accumulated in
the accumulator.
Full-Scale Voltage (FSV) is 32V by default. The device
may be programmed for bipolar VBUS measurements.
in this bipolar mode, the mathematical range for
negative VBUS numbers is -32V, the actual range is
limited to about -200mV due to physical factors. This
bipolar capability for VBUS enables accurate offset
measurement and correction. For bipolar operation,
the 16-bit VBUS result is a two’s complement (signed)
number.
The measured voltage at SENSE+ can be calculated
using Equation 4-1.
EQUATION 4-1:
BUS VOLTAGE
4.6
Current Measurement
The PAC1931/2/3/4 device family includes high-side
current sensing circuits. These circuits measure the
voltage (VSENSE) induced across a fixed external
current sense resistor (RSENSE) and store the voltage
as a 16-bit number in the VSENSE Results registers.
The PAC1931/2/3/4 current sensing operates with a
Full-Scale Range (FSR) of 100 mV in unidirectional
mode (default).
When sensing unidirectional currents (the default
mode), the ADC results are presented in straight binary
format. For bidirectional current sensing, the ADC
results are in two’s complement (signed) format. For
bipolar current measurements, the range is ±100 mV,
but use FSR = 100 mV in the equations that follow. For
best accuracy on current values near zero, it is
recommended to use the bidirectional current mode
and 8x average current results.
4.7
Selecting RSENSE Values
RSENSE can easily be calculated if you know the
maximum current you want to sense, as shown in
Equation 4-2.
Consider that you may need to select a value for IMax
that includes current peaks well beyond your nominal
current.
EQUATION 4-2:
CALCULATING RSENSE
Full-Scale Current (FSC) can be calculated from
Equation 4-3.
EQUATION 4-3:
FULL-SCALE CURRENT
The actual current through RSENSE can then be
calculated using Equation 4-4.
EQUATION 4-4:
SENSE CURRENT
VSource
32V
VBUS
Denominator
-----------------------------------
=
Where:
VSOURCE = The measured voltage on the
SENSE+ pin
VBUS = The value read from the VBUS
results registers
Denominator = 216 for unipolar measurements
=215 for bipolar measurements
Rsense
FSR
IMax
-------------
=
Where:
FSR = Full Scale VSENSE voltage input
RSENSE =External RSENSE resistor value
IMax = Maximum current to measure
FSC
100 mV
RSENSE
----------------------
=
Where:
FSC = Full-scale current
RSENSE = External sense resistor value
I
SENSE
FSC
VSENSE
Denominator
-----------------------------------
=
Where:
ISENSE = Actual bus current
FSC = Full-scale current value (from
Equation 4-3)
VSENSE = The value read from the
VSENSE results registers
Denominator = 216 for unipolar measurements
=215 for bipolar measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com