Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1934 Datasheet(PDF) 3 Page - Microchip Technology

Part # PAC1934
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1934 Datasheet(HTML) 3 Page - Microchip Technology

  PAC1934 Datasheet HTML 1Page - Microchip Technology PAC1934 Datasheet HTML 2Page - Microchip Technology PAC1934 Datasheet HTML 3Page - Microchip Technology PAC1934 Datasheet HTML 4Page - Microchip Technology PAC1934 Datasheet HTML 5Page - Microchip Technology PAC1934 Datasheet HTML 6Page - Microchip Technology PAC1934 Datasheet HTML 7Page - Microchip Technology PAC1934 Datasheet HTML 8Page - Microchip Technology PAC1934 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
 2017-2019 Microchip Technology Inc.
DS20005850E-page 3
PAC1931/2/3/4
1.0
ELECTRICAL CHARACTERISTICS
1.1
Electrical Specifications
Absolute Maximum Ratings(†)
VDD pin............................................................................................................................................................-0.3 to 6.0V
Voltage on SENSE- and SENSE+ pins............................................................................................................-0.3 to 40V
Voltage on any other pin to GND .........................................................................................................GND -0.3 to +6.0V
Voltage between Sense pins (|(SENSE+ SENSE-)|)..........................................................................................500 mV
Input current to any pin except VDD ....................................................................................................................±100 mA
Output short-circuit current.............................................................................................................................. Continuous
Junction to Ambient (
J-A)...................................................................................................................................+78°C/W
Operating Ambient Temperature Range .....................................................................................................-40 to +150°C
Storage Temperature Range.......................................................................................................................-55 to +150°C
ESD Rating all pins HBM...................................................................................................................................4000V
ESD Rating all pins CDM ..................................................................................................................................2000V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operation listings of this specification is not implied. Exposure above maximum rating conditions for extended
periods may affect device reliability.
ESD Protection Diagram
This diagram represents the ESD protection circuitry
on the PAC1934. The SENSE pins are allowed to be at
32V if VDD is at zero. The back-to-back diodes between
the Sense+ and Sense- pins have 1 kΩ resistors in
series with them.
For PAC1931, PAC1932 and PAC1933, some of the
SENSE pins are not electrically connected inside.
These unconnected pins should be grounded.
SM_DATA
SM_CLK
ADDRS EL
VDD I/O
VDD
GND
CLAMP
CIRCUIT
SENSE1-
SENSE1+
(Floating ESD rail)
(~40v br eakdown)
SENSE2-
SENSE2+
SENSE3-
SENSE3+
SENSE4-
SENSE4+
PWRDN
SLO W/
ALE RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com