Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB5906 Datasheet(PDF) 46 Page - Microchip Technology

Part # USB5906
Description  6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 UFP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5906 Datasheet(HTML) 46 Page - Microchip Technology

Back Button USB5906 Datasheet HTML 42Page - Microchip Technology USB5906 Datasheet HTML 43Page - Microchip Technology USB5906 Datasheet HTML 44Page - Microchip Technology USB5906 Datasheet HTML 45Page - Microchip Technology USB5906 Datasheet HTML 46Page - Microchip Technology USB5906 Datasheet HTML 47Page - Microchip Technology USB5906 Datasheet HTML 48Page - Microchip Technology USB5906 Datasheet HTML 49Page - Microchip Technology USB5906 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
2016-2021 Microchip Technology Inc.
DS00002242E-page 48
USB5906
9.0
COMPLIANCE UPDATE
In order to be USB-IF certified , silicon revision C and newer of the USB5906 supports the USB 3.2 Engineering Change
Notices (ECNs) included in the Universal Serial Bus Revision 3.2 Specification. This allows the latest revision of the
USB5906 to be certified in compliance with USB-IF logo testing for the new USB Type-C® industry initiative. The follow-
ing compliance updates are supported:
• Pending Header Packet (HP) Timer (TD7.9, TD7.11, TD7.26)
• Power Management (PM) Timer (TD7.18, TD7.20, TD7.23)
• Unacknowledged Connect and Remote Wake Test Failure (TD10.25)
These USB 3.2 ECNs can be found as part of the Universal Serial Bus Revision 3.2 Specification zip file, which can be
downloaded from the USB developers website (http://www.usb.org/developers/docs/).
9.1
Pending Header Packet (HP) Timer (TD7.9, TD7.11, TD7.26)
A turn around time is defined between the communication of a Host and Device (Link Partners) for an acknowledgment
of a USB connection. The time is budgeted between a number of steps (Transmit/Receive data path of the initiator, the
delay in the cable, and the response time of the responder). If the time is exceeded, no USB communication is initiated.
The ECN calls to relax the timing from 3us to 10us at the link and PHY layers to allow for an extended propagation delay
to account for the usage of active cables and retimers in new SuperSpeed Plus designs.
Impact to Legacy Systems:
• A new host with a retimer connected to an active cable AND a legacy device
• A legacy host connected to an active cable and a new device with or without a retimer
9.2
Power Management (PM) Timer (TD7.18, TD7.20, TD7.23)
There are three timers for link power management: PM_LC_TIMER, PM_ENTRY_TIMER, and Ux_EXIT_TIMER. The
PM_LC_TIMER is used for a port initiating an entry request to a low power link state. The PM_ENTRY_TIMER is used
for a port accepting the entry request to a low power link state. Ux_EXIT_TIMER is used for a port to initiate the exit
from U1 or U2 to a low power state.
The ECN calls to increase the maximum timeout values to accommodate for the new connectivity models with retimers
and active cables beyond the standard USB-IF transmission lengths.
Impact to Legacy Systems:
• No impact to USB 3.0 or early USB 3.2 ecosystems
9.3
Unacknowledged Connect and Remote Wake Test Failure (TD10.25)
If a USB3 port with a connected device is placed into Suspend and RemoteWake is set but the RemoteWake mask
(C_PORT_CONNECTION bit) has not been cleared, the USB3 hub will automatically issue a wake up signal to the host.
In legacy systems, if a USB3 port with a connected device was placed into Suspend and RemoteWake is set without
the mask bit being cleared, the USB3 hub would NOT issue a wake up signal to the host.
Impact to Legacy Systems:
• No impact – with the new implementation, a remote wake is automatically initiated if the mask bit is not set. In
older systems the remote wake may or may not have been executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com