Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26VF040A-80I/SNVAO Datasheet(PDF) 15 Page - Microchip Technology

Part # SST26VF040A-80I/SNVAO
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/SNVAO Datasheet(HTML) 15 Page - Microchip Technology

Back Button SST26VF040A-80I/SNVAO Datasheet HTML 11Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 12Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 13Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 14Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 15Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 16Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 17Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 18Page - Microchip Technology SST26VF040A-80I/SNVAO Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 15
SST26VF040A
5.1
No Operation (NOP)
The No Operation command only cancels a Reset
Enable command. NOP has no impact on any other
command.
5.2
Reset Enable (RSTEN) and Reset
(RST)
The Reset operation is used as a system (software)
Reset that puts the device in normal operating Ready
mode. This operation consists of two commands:
Reset Enable (RSTEN) followed by Reset (RST).
To reset SST26VF040A, the host drives CE# low,
sends the Reset Enable command (66H), and drives
CE# high. Next, the host drives CE# low again, sends
the Reset command (99H), and drives CE# high, see
Figure 5-1.
The Reset operation requires the Reset Enable
command followed by the Reset command. Any
command other than the Reset command after the
Reset Enable command will disable the Reset Enable.
Once the Reset Enable and Reset commands are
successfully executed, the device returns to normal
operation Read mode and then does the following:
resets the protocol to SPI mode, resets the burst length
to 8 bytes, clears BUSY bit and WEL bit in the STATUS
register to their default states, and clears IOC bit,
WSE bit and WSP bit in the Configuration register to its
default state. A device Reset during an active program
or erase operation aborts the operation, which can
cause the data of the targeted address range to be
corrupted or lost. Depending on the prior operation, the
Reset timing may vary. Recovery from a write operation
requires more latency time than recovery from other
operations. See Table 8-2 for Reset timing parameters.
Power-Saving
DPD
Deep Power-Down
Mode
B9H
X
X
0
0
0
104 MHz/80 MHz
RDPD
Release from Deep
Power-Down and
Read ID
ABH
X
X
3
0
1 to
∞
Note 1:
Command cycle is two clock periods in SQI mode and eight clock periods in SPI mode.
2:
Address bits above the Most Significant bit of each density can be VIL or VIH.
3:
Address, Dummy/Mode bits, and data cycles are two clock periods in SQI and eight clock periods in SPI mode.
4:
The maximum frequency for all instructions is up to 104 MHz from 2.7V-3.6V and up to 80 MHz from 2.3V-3.6V
unless otherwise noted. For extended temperature (125°C) the maximum frequency is up to 80 MHz.
5:
The Read STATUS register is continuous with ongoing clock cycles until terminated by a low-to-high transition
on CE#.
6:
Data cycles are four clock periods.
7:
The maximum frequency for SDIOR is up to 80 MHz from 2.3V-3.6V.
8:
Address, Dummy/Mode bits, and data cycles are four clock periods.
9:
Data cycles are two clock periods. IOC bit must be set to ‘1’ before issuing the command.
10: Address, Dummy/Mode bits, and data cycles are two clock periods. IOC bit must be set to ‘1’ before issuing the
command.
11: 4-Kbyte Sector Erase addresses: use AMS-A12, remaining addresses are “don’t care” but must be set either at
VIL or VIH.
12: 32-Kbyte Block Erase addresses: use AMS-A15, remaining addresses are “don’t care” but must be set either at
VIL or VIH.
13: 64-Kbyte Block Erase addresses: use AMS-A16, remaining addresses are “don’t care” but must be set either at
VIL or VIH.
TABLE 5-1:
DEVICE OPERATION INSTRUCTIONS (CONTINUED)
Instruction
Description
Op
Code
Cycle(1)
Mode
Address
Cycle(s)(2,3)
Dummy
Cycle(s)(3)
Data
Cycle(s)(3)
Maximum
Frequency (4)
SPI
SQI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com