Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8F082APH020SC Datasheet(PDF) 45 Page - Zilog, Inc.

Part # Z8F082APH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082APH020SC Datasheet(HTML) 45 Page - Zilog, Inc.

Back Button Z8F082APH020SC Datasheet HTML 41Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 42Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 43Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 44Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 45Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 46Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 47Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 48Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 49Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Reset and STOP Mode Recovery
Z8 Encore! XP® F08xA Series
Product Specification
27
set to 1, the STOP Mode Recovery occurred because of a WDT time-out. If the STOP bit
is 1 and the WDT bit is 0, the STOP Mode Recovery was not caused by a WDT time-out.
This bit is reset by a Power-On Reset or a WDT time-out that occurred while not in STOP
mode. Reading this register also resets this bit.
WDT—Watch-Dog Timer Time-Out Indicator
If this bit is set to 1, a WDT time-out occurred. A Power-On Reset resets this pin. A STOP
Mode Recovery from a change in an input pin also resets this bit. Reading this register
resets this bit. This read must occur before clearing the WDT interrupt.
EXT—External Reset Indicator
If this bit is set to 1, a Reset initiated by the external RESET pin occurred. A Power-On
Reset or a STOP Mode Recovery from a change in an input pin resets this bit. Reading this
register resets this bit.
Reserved—Must be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com