Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8FMC16100 Datasheet(PDF) 53 Page - Zilog, Inc.

Part # Z8FMC16100
Description  Z8 Encore-R Motor Control Flash MCUs
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FMC16100 Datasheet(HTML) 53 Page - Zilog, Inc.

Back Button Z8FMC16100 Datasheet HTML 49Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 50Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 51Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 52Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 53Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 54Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 55Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 56Page - Zilog, Inc. Z8FMC16100 Datasheet HTML 57Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 402 page
background image
PS024604-1005
P R E L I M I N A R Y
Stop Mode
Z8FMC16100 Series Flash MCU
Product Specification
31
Low-Power Modes
The Z8FMC16100 Series Flash MCU products contain power-saving features. The high-
est level of power reduction is provided by STOP mode. The next level of power reduction
is provided by the HALT mode.
Stop Mode
Execution of the eZ8 CPU’s STOP instruction places the Z8FMC16100 Series Flash MCU
into STOP mode. In STOP mode, the operating characteristics are:
• Primary crystal oscillator and IPO are stopped; XIN and XOUT pins are driven to V
SS.
• System clock is stopped
• eZ8 CPU is stopped
• Program counter (PC) stops incrementing
• If enabled for operation during STOP mode, the Watch-Dog Timer and its internal RC
oscillator continue to operate.
• If enabled for operation in STOP mode through the associated Option Bit, the Voltage
Brown-Out protection circuit continues to operate.
• Comparators and voltage reference operate unless disabled.
• All other on-chip peripherals are idle
To minimize current in STOP mode, all GPIO pins that are configured as digital inputs
must be driven to one of the supply rails (VCC or GND), the Voltage Brown-Out protection
and the Watch-Dog Timer must be disabled. The device can be brought out of STOP mode
using Stop-Mode Recovery. For more information refer to the Reset and Stop-Mode
Recovery chapter on page 23.
To prevent excess current consumption, STOP mode must not be used if the device is
driven with an external clock source.
Halt Mode
Execution of the eZ8 CPU’s HALT instruction places the device into HALT mode. In
HALT mode, the operating characteristics are:
• Primary crystal oscillator is enabled and continues to operate
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com