| Electronic Components Datasheet Search |
|
ASL2500SHN Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
ASL2500SHN Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 39 page ![]() ASL2500SHN All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2017. All rights reserved. Product data sheet Rev. 3 — 26 October 2017 21 of 39 NXP Semiconductors ASL2500SHN Two phase boost converter 8.10.4 Bit Tj_err The bit Tj_err indicates that the junction temperature has exceeded the maximum allowable temperature, and the device has entered Fail silent mode. A write access to the diagnostic register, or once Off mode has been entered, clears the bit. The device stays in Fail silent mode irrespective of the clearing of the bit. After leaving the OFF mode (at IC start-up), it is possible that bit Tj_err is set. To avoid wrong diagnostics, clear the diagnostic register before it is evaluated. 8.10.5 Bit VGG_err Bit VGG_err is set when the gate driver does not reach the VGG_ok _window (when VVGG is within range) within the regulator voltage start-up error time. Once bit VGG_err is set, it indicates that an error on the gate driver has been detected and the device has entered Fail silent mode. A write access to the diagnostic register, or once Off mode has been entered, clears the bit. The device stays in Fail silent mode irrespective of the clearing of the bit. 8.10.6 Bit VGG_ok The bit VGG_ok indicates that the gate driver is regulated to the target voltage and allows the gate drivers to drive the gate driver pins. If the gate driver is outside the VGG_ok window after tstartup, and VVGG is within range, the device clears VGG_ok bit and enters Fail silent mode. 8.10.7 Bit Vout1_ok and Vout2_ok The bits Vout1_ok and Vout2_ok indicate whether the output voltage is regulated to the target value or deviating from the target value. The bits are set as soon as the corresponding output is within the Vout_ok window (when VO is within the range) for more than tfltr(ov). The bits are cleared when the corresponding output is outside the Vout_ok window for more than tfltr(ov). 8.11 SPI The ASL2500SHN uses an SPI interface to communicate with an external microcontroller. The SPI interface can be used for setting the LEDs current, reading and writing the control register. 8.11.1 Introduction The Serial Peripheral Interface (SPI) provides the communication link with the microcontroller, supporting multi-slave operations. The SPI is configured for full duplex data transfer, so status information is returned when new control data is shifted in. The interface also offers a read-only access option, allowing the application to read back the registers without changing the register content. The SPI uses four interface signals for synchronization and data transfer: • CSB - SPI chip select; active LOW • SCLK - SPI clock - default level is LOW due to low-power concept • SDI - SPI data input • SDO - SPI data output - floating when pin CSB is HIGH |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |