Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3415K Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3415K
Description  LCE P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3415K Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3415K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3415K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3415K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3415K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3415K Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3415K Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Zero Gate Voltage Drain Current
IDSS
VDS=-20V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±10V,VDS=0V
-
-
±10
μA
On Characteristics (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-0.35
-0.55
-0.9
V
VGS=-4.5V, ID=-4A
-
34
45
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=-2.5V, ID=-4A
-
44
60
mΩ
Forward Transconductance
gFS
VDS=-5V,ID=-4A
8
-
-
S
Dynamic Characteristics (Note4)
Input Capacitance
Clss
-
950
-
PF
Output Capacitance
Coss
-
165
-
PF
Reverse Transfer Capacitance
Crss
VDS=-10V,VGS=0V,
F=1.0MHz
-
120
-
PF
Switching Characteristics (Note 4)
Turn-on Delay Time
td(on)
-
12
nS
Turn-on Rise Time
tr
-
10
nS
Turn-Off Delay Time
td(off)
-
19
nS
Turn-Off Fall Time
tf
VDD=-10V,RL=2. 5Ω
VGS=-4.5V,RGEN=3Ω
-
25
nS
Total Gate Charge
Qg
-
12
nC
Gate-Source Charge
Qgs
-
1.4
-
nC
Gate-Drain Charge
Qgd
VDS=-10V,ID=-4A,
VGS=-4.5V
-
3.6
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-4A
-
-
-1.2
V
Diode Forward Current (Note 2)
IS
-
-
-4
A
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2 .
%
4.
Guaranteed by design, not subject to production
Pb Free Product
Rev : 01.06.2014
www.leiditech.com
2/6
LM3415k



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com