Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8922320VSC Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z8922320VSC
Description  16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8922320VSC Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z8922320VSC Datasheet HTML 9Page - Zilog, Inc. Z8922320VSC Datasheet HTML 10Page - Zilog, Inc. Z8922320VSC Datasheet HTML 11Page - Zilog, Inc. Z8922320VSC Datasheet HTML 12Page - Zilog, Inc. Z8922320VSC Datasheet HTML 13Page - Zilog, Inc. Z8922320VSC Datasheet HTML 14Page - Zilog, Inc. Z8922320VSC Datasheet HTML 15Page - Zilog, Inc. Z8922320VSC Datasheet HTML 16Page - Zilog, Inc. Z8922320VSC Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Z89223/273/323/373
ZiLOG
16-Bit Digital Signal Processors with A/D Converter
DS000202-DSP0599
13
Table 4. 68-Pin PLCC Z89323/373 Pin Description
No Symbol
Function
Direction
No Symbol
Function
Direction
1
P1.2/SDI
Port 1.2/Serial Input
Input/Output
35 AN0
A/D Input 0
Input
2
P2.0/INT0
Port 2.0/Interrupt 0
Input/Output
36 AN1
A/D Input 1
Input
3
ED12/P0.12
External Data Bus/Port0
Input/Output
37 AN2
A/D Input 2
Input
4
ED13/P0.13
External Data Bus/Port0
Input/Output
38 AN3
A/D Input 3
Input
5VDD
Power Supply
39 VSS
Ground
6
ED14/P0.14
External Data Bus/Port0
Input/Output
40 P2.1/INT1
Port 2.1/Interrupt 1
Input/Output
7VSS
Ground
41 AVCC
Analog Power
8
ED15/P0.15
External Data Bus/Port0
Input/Output
42 VDD
Power Supply
9
NC
No Connection
43 RD/WR
R/W External Bus
Output
10 NC
No Connection
44 HALT
Halt Execution
Input
11 ED3/P0.3
External Data Bus/Port0
Input/Output
45 EA0
Ext Address 0
Output
12 ED4/P0.4
External Data Bus/Port0
Input/Output
46 EA1
Ext Address 1
Output
13 VSS
Ground
47 EA2
Ext Address 2
Output
14 VDD
Power Supply
48 NC
No Connection
15 ED5/P0.5
External Data Bus/Port0
Input/Output
49 VDD
Power Supply
16 P1.3/SDO
Port 1.3/Serial Output
Input/Output
50 P2.3/TMO1
Port2.3/Timer Output 1
Input/Output
17 ED6/P0.6
External Data Bus/Port0
Input/Output
51 DS
Ext Data Strobe
Output
18 P1.4/SS
Port 1.4/Slave Select
Input/Output
52 P2.4/WAIT
Port 2.4/Wait for ED
Input/Output
19 ED7/P0.7
External Data Bus/Port0
Input/Output
53 CLKI
Clock/Crystal In
Input
20 P1.5/SCLK
Port 1.5/Serial Clock
Input/Output
54 CLKO
Clock/Crystal Out
Output
21 P2.7
Port 2.7
Input/Output
55 P2.6/TMO2
Port 2.6/Timer Output 2
Input/Output
22 ED8/P0.8
External Data Bus/Port0
Input/Output
56 P2.2/TMO0
Port 2.2/Timer Output 0
Input/Output
23 ED9/P0.9
External Data Bus/Port0
Input/Output
57 P2.5/UI2
Port 2.5/User Input 2
Input/Output
24 VSS
Ground
58 LPF
PLL Low Pass Filter
Input
25 ED10/P0.10
External Data Bus/Port0
Input/Output
59 RESET
Reset
Input
26 VSS
Ground
60 VSS
Ground
27 ED11/P0.11
External Data Bus/Port0
Input/Output
61 VDD
Power Supply
28 VDD
Power Supply
62 VSS
Ground
29 VAHI
Analog High Ref. Voltage Input
63 ED0/P0.0
External Data Bus/Port0
Input/Output
30 VSS
Ground
64 ED1/P0.1
External Data Bus/Port0
Input/Output
31 P1.6/UI0
Port 1.6/User Input 0
Input/Output
65 ED2/P0.2
External Data Bus/Port0
Input/Output
32 VALO
Analog Low Ref. Voltage
Input
66 P1.0/INT2
Port 1.0/Interrupt 2
Input/Output
33 P1.7/UI1
Port 1.7/User Input 1
Input/Output
67 VSS
Ground
34 AGND
Analog Ground
68 P1.1/CLKOUT
Port 1.1/Clock Output
Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com