Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z84C9012VSC Datasheet(PDF) 15 Page - Zilog, Inc.

Part # Z84C9012VSC
Description  KIO Serial/Parallel Counter Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z84C9012VSC Datasheet(HTML) 15 Page - Zilog, Inc.

Back Button Z84C9012VSC Datasheet HTML 11Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 12Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 13Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 14Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 15Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 16Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 17Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 18Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 19Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Z84C90
KIO Serial/Parallel Counter Timer
PS011802-0902
10
The Ordering Information section lists temperature ranges and product numbers. Package
drawings are in the Package Information section. Refer to the Literature List for additional
documentation.
Figure 4. Test Load Diagram
Figure 5. PIO Block Diagram
250
From Output
Under Test
µA
100 pF
+5V
2.1K
Data
Control
Data or
Control
Handshake
Interrupt Control Lines
Peripheral
Interface
Internal
Control
Logic
CPU
Bus I/O
Data or
Control
Handshake
Interrupt
Control
Port A
I/O
Port B
I/O
Internal Bus
8
3
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com