Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4364ESA/V+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4364ESA/V+T
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4364ESA/V+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4364ESA/V+T Datasheet HTML 1Page - Maxim Integrated Products MAX4364ESA/V+T Datasheet HTML 2Page - Maxim Integrated Products MAX4364ESA/V+T Datasheet HTML 3Page - Maxim Integrated Products MAX4364ESA/V+T Datasheet HTML 4Page - Maxim Integrated Products MAX4364ESA/V+T Datasheet HTML 5Page - Maxim Integrated Products MAX4364ESA/V+T Datasheet HTML 6Page - Maxim Integrated Products MAX4364ESA/V+T Datasheet HTML 7Page - Maxim Integrated Products MAX4364ESA/V+T Datasheet HTML 8Page - Maxim Integrated Products MAX4364ESA/V+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
VCC, OUT_ to GND.................................................-0.3V to +6V
IN+, IN-, BIAS, SHDN to GND ................. -0.3V to (VCC + 0.3V)
Output Short Circuit (OUT+ to OUT-) (Note 1)..........Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin μMAX (derate 4.8mW/°C above +70°C)............388mW
8-Pin TDFN (derate 24.4mW/°C above +70°C) ........1951mW
8-Pin SO (derate 7.8mW/°C above +70°C).................623mW
Junction Temperature......................................................+150°C
Operating Temperature Range........................... -40°C to +85°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
(Note 2)
μMAX
Junction-to-Ambient Thermal Resistance (θJA) .....206.3°C/W
Junction-to-Case Thermal Resistance (θJC)...............42°C/W
TDFN
Junction-to-Ambient Thermal Resistance (θJA) ..........41°C/W
Junction-to-Case Thermal Resistance (θJC).................8°C/W
SO
Junction-to-Ambient Thermal Resistance (θJA) .....128.4°C/W
Junction-to-Case Thermal Resistance (θJC)...............36°C/W
(VCC = 5V, RL = ∞, CBIAS = 1μF to GND, VSHDN = VGND, TA = +25°C, unless otherwise noted.) (Note 3)
Note 1: Continuous power dissipation must also be observed.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
Inferred from PSRR test
2.7
5.5
V
Supply Current
ICC
(Note 4)
MAX4364
7
13
mA
MAX4364, TA = TMIN to TMAX
17
MAX4365
5
8
MAX4365, TA = TMIN to TMAX
11
Shutdown Supply Current
ISHDN
VSHDN = VCC
0.01
4
µA
SHDN Threshold
VIH
TA = +25°C
VCC x
0.7
V
TA = -40°C to +85°C
(Note 5)
VCC x
0.7
VIL
TA = +25°C
VCC x
0.3
TA = -40°C to +85°C
(Note 5)
VCC x
0.3
Common-Mode Bias Voltage
VBIAS
(Note 6)
VCC/2 -
5%
VCC/2
VCC/2
+ 5%
V
Output Offset Voltage
VOS
IN- = OUT+, IN+ = BIAS (Note 7)
±1
±10
mV
Power-Supply Rejection Ratio
PSRR
VCC = 2.7V to 5.5V
DC
55
75
dB
VRIPPLE = 200mVP-P,
RL = 8Ω
217Hz
68
1kHz
58
Output Power
POUT
RL = 8Ω, THD+N = 1%,
fIN = 1kHz (Note 8)
MAX4364
1200
1400
mW
MAX4365
800
1000
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics—5V
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Package Thermal Characteristics
MAX4364/MAX4365
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
www.maximintegrated.com
Maxim Integrated │ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com