Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZLP12840P2864G Datasheet(PDF) 22 Page - Zilog, Inc.

Part # ZLP12840P2864G
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840P2864G Datasheet(HTML) 22 Page - Zilog, Inc.

Back Button ZLP12840P2864G Datasheet HTML 18Page - Zilog, Inc. ZLP12840P2864G Datasheet HTML 19Page - Zilog, Inc. ZLP12840P2864G Datasheet HTML 20Page - Zilog, Inc. ZLP12840P2864G Datasheet HTML 21Page - Zilog, Inc. ZLP12840P2864G Datasheet HTML 22Page - Zilog, Inc. ZLP12840P2864G Datasheet HTML 23Page - Zilog, Inc. ZLP12840P2864G Datasheet HTML 24Page - Zilog, Inc. ZLP12840P2864G Datasheet HTML 25Page - Zilog, Inc. ZLP12840P2864G Datasheet HTML 26Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
I/O Port Pin Functions
ZLP12840 OTP MCU
Product Specification
11
I/O Port Pin Functions
The ZLP12840 MCU features three 8-bit ports, which are described below.
• Port 0 is nibble-programmable as either input or output
• Port 2 is bit-programmable as either input or output
• Port 3 features four inputs on the lower nibble and four outputs on the upper nibble
Port 0 and 2 internal pull-ups are disabled on any pin or group of pins when programmed
into output mode.
The CMOS input buffer for each port 0 or 2 pin is always connected to the pin, even
when the pin is configured as an output. If the pin is configured as an open-drain output
and no external signal is applied, a High output state can cause the CMOS input buffer
to float. This might lead to excessive leakage current of more than 100 A. To prevent
this leakage, connect the pin to an external signal with a defined logic level or ensure its
output state is Low, especially during STOP mode.
Port 0, 1, and 2 have both input and output capability. The input logic is always present
no matter whether the port is configured as input or output. When doing a READ in-
struction, the MCU reads the actual value at the input logic but not from the output buff-
er. In addition, the instructions of OR, AND, and XOR have the Read-Modify-Write
sequence. The MCU first reads the port, and then modifies the value and load back to
the port.
Precaution must be taken if the port is configured as open-drain output or if the port is
driving any circuit that makes the voltage different from the desired output logic. For
example, pins P00–P07 are not connected to anything else. If it is configured as open-
drain output with output logic as ONE, it is a floating port and reads back as ZERO. The
following instruction sets P00-P07 all LOW.
ßÒÜ ÐðôýûÚð
Table 7 summarizes the registers used to control I/O ports. Some port pin functions can
also be affected by control registers for other peripheral functions.
Table 7. I/O Port Control Registers
Address (Hex)
Reset
12-Bit
Bank 8-Bit
Register Description
Mnemonic
Page #
0000–3
00
Port 0
P0
XXh
22
0020–3
02
Port 2
P2
XXh
24
Note:
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com