Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZBVB5 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZBVB5
Description  Harmony XB4, Light block for head 횠22, orange, integral LED, 24 V AC/ DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZBVB5 Datasheet(HTML) 1 Page - Schneider Electric

  ZBVB5 Datasheet HTML 1Page - Schneider Electric ZBVB5 Datasheet HTML 2Page - Schneider Electric ZBVB5 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
Harmony XB4, Light block for head
Ø22, orange, integral LED, 24 V AC/
DC
ZBVB5
Product availability : Stock - Normally stocked in distribution
facility
Price* : 52.00 USD
Main
Range of product
Harmony XB4
Harmony XB5
Product or Component Type
Light block
Device short name
ZBV
Sale per indivisible quantity
5
Connections - terminals
Screw clamp terminals, <= 2 x 1.5 mm² with cable end EN 60947-1
Screw clamp terminals, >= 1 x 0.22 mm² without cable end EN 60947-1
Signalling type
Steady
Light source
Protected LED
Bulb base
Integral LED
Light block supply
Direct
Light source colour
Orange
[Us] rated supply voltage
24 V AC/DC 50/60 Hz
Complementary
Product Weight
0.04 lb(US) (0.017 kg)
Tightening torque
7.08…10.62 lbf.in (0.8…1.2 N.m) EN 60947-1
Shape of screw head
Cross Philips no 1
Cross compatible with pozidriv No 1 screwdriver
Slotted compatible with flat Ø 4 mm screwdriver
Slotted compatible with flat Ø 5.5 mm screwdriver
Supply voltage limits
19.2…30 V DC
21.6…26.4 V AC
Current Consumption
18 mA
Service life
100000 h at rated voltage and 25 °C
Surge withstand
1 kV IEC 61000-4-5
Mounting of block
Front mounting
Electrical composition code
M1
M2
M3
M4
M5
M6
M10
MF1
P1
P2
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Nov 1, 2021
1


Similar Part No. - ZBVB5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBVB53 SCHNEIDER-ZBVB53 Datasheet
159Kb / 3P
Light block, Harmony XB4, Harmony XB5, orange for head 횠22 mm integral LED 24 V faston connector
Nov 1, 2021
ZBVB55 SCHNEIDER-ZBVB55 Datasheet
145Kb / 4P
Harmony XB4, Light block for head 횠22, orange, integral LED, spring clamp terminal, 24 V AC/DC
Nov 1, 2021
ZBVB57 SCHNEIDER-ZBVB57 Datasheet
103Kb / 3P
Light block, Harmony XB5, Harmony XB4, orange for head 횠22 mm integral LED 24 V pins
Nov 1, 2021
More results

Similar Description - ZBVB5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBVB1 SCHNEIDER-ZBVB1 Datasheet
135Kb / 3P
Harmony XB4, Light block for head 횠22, white, integral LED, 24 V AC/ DC
Oct 28, 2021
ZBVB4 SCHNEIDER-ZBVB4 Datasheet
135Kb / 3P
Harmony XB4, Light block for head 횠22, red, integral LED, 24 V AC/DC
Oct 28, 2021
ZBVB8 SCHNEIDER-ZBVB8 Datasheet
141Kb / 4P
Harmony XB4, Light block for head 횠22, yellow, integral LED, 24 V AC/ DC
Nov 1, 2021
ZBVB53 SCHNEIDER-ZBVB53 Datasheet
159Kb / 3P
Light block, Harmony XB4, Harmony XB5, orange for head 횠22 mm integral LED 24 V faston connector
Nov 1, 2021
ZBVB55 SCHNEIDER-ZBVB55 Datasheet
145Kb / 4P
Harmony XB4, Light block for head 횠22, orange, integral LED, spring clamp terminal, 24 V AC/DC
Nov 1, 2021
ZBVB57 SCHNEIDER-ZBVB57 Datasheet
103Kb / 3P
Light block, Harmony XB5, Harmony XB4, orange for head 횠22 mm integral LED 24 V pins
Nov 1, 2021
ZBVBG5 SCHNEIDER-ZBVBG5 Datasheet
134Kb / 3P
Harmony XB4, Light block for head 횠22, orange, integral LED, screw clamp terminal, 24??20 V AC/DC
Nov 1, 2021
ZBVG5 SCHNEIDER-ZBVG5 Datasheet
134Kb / 3P
Harmony XB4, Light block for head 횠22, orange, integral LED, 110...120 V AC
Oct 28, 2021
ZBVJ5 SCHNEIDER-ZBVJ5 Datasheet
135Kb / 3P
Harmony XB4, Light block for head 횠22, orange, integral LED, screw clamp terminal, 12 V AC/DC
ZBVM5 SCHNEIDER-ZBVM5 Datasheet
135Kb / 3P
Harmony XB4, Light block for head 횠22, orange, integral LED, 230...240 V AC
Nov 1, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com