| Electronic Components Datasheet Search |
|
AM29DL162DB70VRF Datasheet(PDF) 18 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL162DB70VRF Datasheet(HTML) 18 Page - Advanced Micro Devices |
|
18 / 57 page ![]() 18 Am29DL16xD May 26, 2004 Sector/Sector Block Protection and Unprotection (Note: For the following discussion, the term “sector” applies to both sectors and sector blocks. A sector block consists of two or more adjacent sectors that are protected or unprotected at the same time (see Tables 8 and 9). Table 8. Top Boot Sector/Sector Block Addresses for Protection/Unprotection Table 9. Bottom Boot Sector/Sector Block Addresses for Protection/Unprotection The hardware sector protection feature disables both program and erase operations in any sector. The hard- ware sector unprotection feature re-enables both program and erase operations in previously protected sectors. Sector protection and unprotection can be im- plemented via two methods. The primary method requires V ID on the RESET# pin only, and can be implemented either in-system or via programming equipment. Figure 2 shows the algo- rithms and Figure 25 shows the timing diagram. This method uses standard microprocessor bus cycle tim- ing. For sector unprotect, all unprotected sectors must first be protected prior to the first sector unprotect write cycle. The sector unprotect algorithm unprotects all sectors in parallel. All previously protected sectors must be in- dividually re-protected. To change data in protected sectors efficiently, the temporary sector unprotect function is available. See “Temporary Sector/Sector Block Unprotect”. The alternate method intended only for programming equipment requires V ID on address pin A9 and OE#. This method is compatible with programmer routines written for earlier 3.0 volt-only AMD flash devices. Publication number 22243 contains further details; contact an AMD representative to request a copy. The device is shipped with all sectors unprotected. AMD offers the option of programming and protecting sectors at its factory prior to shipping the device Sector / Sector Block A19–A12 Sector / Sector Block Size SA0 00000XXX 64 Kbytes SA1-SA3 00001XXX, 00010XXX, 00011XXX 192 (3x64) Kbytes SA4-SA7 001XXXXX 256 (4x64) Kbytes SA8-SA11 010XXXXX 256 (4x64) Kbytes SA12-SA15 011XXXXX 256 (4x64) Kbytes SA16-SA19 100XXXXX 256 (4x64) Kbytes SA20-SA23 101XXXXX 256 (4x64) Kbytes SA24-SA27 110XXXXX 256 (4x64) Kbytes SA28-SA30 11100XXX, 11101XXX, 11110XXX 192 (3x64) Kbytes SA31 11111000 8 Kbytes SA32 11111001 8 Kbytes SA33 11111010 8 Kbytes SA34 11111011 8 Kbytes SA35 11111100 8 Kbytes SA36 11111101 8 Kbytes SA37 11111110 8 Kbytes SA38 11111111 8 Kbytes Sector / Sector Block A19–A12 Sector / Sector Block Size SA38 11111XXX 64 Kbytes SA37-SA35 11110XXX, 11101XXX, 11100XXX 192 (3x64) Kbytes SA34-SA31 110XXXXX 256 (4x64) Kbytes SA30-SA27 101XXXXX 256 (4x64) Kbytes SA26-SA23 100XXXXX 256 (4x64) Kbytes SA22-SA19 011XXXXX 256 (4x64) Kbytes SA18-SA15 010XXXXX 256 (4x64) Kbytes SA14-SA11 001XXXXX 256 (4x64) Kbytes SA10-SA8 00001XXX, 00010XXX, 00011XXX 192 (3x64) Kbytes SA7 00000111 8 Kbytes SA6 00000110 8 Kbytes SA5 00000101 8 Kbytes SA4 00000100 8 Kbytes SA3 00000011 8 Kbytes SA2 00000010 8 Kbytes SA1 00000001 8 Kbytes SA0 00000000 8 Kbytes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |