Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74ACT823LMQR Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT823LMQR
Description  9-Bit D Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT823LMQR Datasheet(HTML) 3 Page - National Semiconductor (TI)

  74ACT823LMQR Datasheet HTML 1Page - National Semiconductor (TI) 74ACT823LMQR Datasheet HTML 2Page - National Semiconductor (TI) 74ACT823LMQR Datasheet HTML 3Page - National Semiconductor (TI) 74ACT823LMQR Datasheet HTML 4Page - National Semiconductor (TI) 74ACT823LMQR Datasheet HTML 5Page - National Semiconductor (TI) 74ACT823LMQR Datasheet HTML 6Page - National Semiconductor (TI) 74ACT823LMQR Datasheet HTML 7Page - National Semiconductor (TI) 74ACT823LMQR Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to 70V
DC Input Diode Current (IIK)
VI eb05V
b
20 mA
VI e VCC a 05V
a
20 mA
DC Input Voltage (VI)
b
05V to VCC a 05V
DC Output Diode Current (IOK)
VO eb05V
b
20 mA
VO e VCC a 05V
a
20 mA
DC Output Voltage (VO)
b
05V to VCC a 05V
DC Output Source or Sink Current (IO)
g
50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
g
50 mA
Storage Temperature (TSTG)
b
65 Cto a150 C
Junction Temperature (TJ)
CDIP
175 C
PDIP
140 C
Note 1
Absolute maximum ratings are those values beyond which damage
to the device may occur The databook specifications should be met without
exception to ensure that the system design is reliable over its power supply
temperature and outputinput loading variables National does not recom-
mend operation of FACTTM circuits outside databook specifications
Recommended Operating
Conditions
Supply Voltage (VCC)
’ACT
45V to 55V
Input Voltage (VI)
0VtoVCC
Output Voltage (VO)
0VtoVCC
Operating Temperature (TA)
74ACT
b
40 Cto a85 C
54ACT
b
55 Cto a125 C
Minimum Input Edge Rate (DV Dt)
’ACT Devices
VIN from 08V to 20V
VCC
45V 55V
125 mVns
DC Electrical Characteristics
74ACT
54ACT
74ACT
Symbol
Parameter
VCC
TA e 25 C
TA e
TA e
Units
Conditions
(V)
b
55 Cto a125 C
b
40 Cto a85 C
Typ
Guaranteed Limits
VIH
Minimum High Level
45
15
20
20
20
V
VOUT e 01V
Input Voltage
55
15
20
20
20
or VCC b01V
VIL
Maximum Low Level
45
15
08
08
08
V
VOUT e 01V
Input Voltage
45
15
08
08
08
or VCC b01V
VOH
Minimum High Level
45
449
44
44
44
V
IOUT eb50 mA
549
54
54
54
VIN e VIL or VIH
45
386
370
376
V
IOH
b
24 mA
486
470
476
b
24 mA
VOL
Maximum Low Level
45
0001
01
01
01
V
IOUT e 50 mA
Output Voltage
55
0001
01
01
01
VIN e VIL or VIH
45
036
050
044
V
IOL
24 mA
55
036
050
044
24 mA
IIN
Maximum Input
55
g
01
g
10
g
10
m
AVI e VCC GND
Leakage Current
IOZ
Maximum TRI-STATE Current
55
g
05
g
100
g
50
m
A
VI e VIL VIH
VO e VCC GND
ICCT
Maximum ICC Input
55
06
16
15
mA
VI e VCC b21V
IOLD
Minimum Dynamic
55
50
75
mA
VOLD e 165V Max
IOHD
Output Current
55
b
50
b
75
mA
VOHD e 385V Min
ICC
Maximum Quiescent
55
80
160
80
m
A
VIN e VCC
Supply Current
or GND
All outputs loaded thresholds on input associated with output under test
Maximum test duration 20 ms one output loaded at a time
Note
ICC limit for 54ACT
25 C is identical to 74ACT
25 C
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com