Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4162EUFD-FST#TRPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4162EUFD-FST#TRPBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162EUFD-FST#TRPBF Datasheet(HTML) 1 Page - Analog Devices

  LTC4162EUFD-FST#TRPBF Datasheet HTML 1Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 2Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 3Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 4Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 5Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 6Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 7Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 8Page - Analog Devices LTC4162EUFD-FST#TRPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
1
LTC4162-F
Rev A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
35V/3.2A Multicell
LiFePO4 Step-Down Battery Charger
with PowerPath and I2C Telemetry
The LTC®4162-F is an advanced monolithic synchronous
step-down switching battery charger and PowerPath™
manager that seamlessly manages power distribution
between input sources such as wall adapters, backplanes,
solar panels, etc., and a rechargeable lithium iron phos-
phate battery.
A high resolution measurement system provides exten-
sive telemetry information for circuit voltages, currents,
battery resistance and temperature which can all be read
back over the I2C port. The I2C port can also be used to
configure many charging parameters including charging
voltages and currents, termination algorithms and numer-
ous system status alerts.
The LTC4162-F can charge LiFePO4 cell stacks from 1 cell
to 9 cells with as much as 3.2A of charge current.
The power path topology decouples the output voltage
from the battery allowing a portable product to start up
instantly under very low battery voltage conditions.
The LTC4162-F is available in a thermally enhanced 28-
pin 4mm × 5mm × 0.75mm QFN surface mount package.
1-9 Cell, 3.2A Step-Down Switching Battery Charger with PowerPath
Charging Efficiency vs Input Voltage by Cell Count
n
LiFePO4 Battery Charger with Termination
n
Wide Charging Input Voltage Range: 4.5V to 35V
n
High Efficiency Synchronous Operation
n
16-Bit Digital Telemetry System Monitors VBAT,
IBAT, RBAT, TBAT, TDIE, VIN, IIN, VOUT
n
Charges 1-9 Lithium Iron Phosphate Cells
n
Input Undervoltage Charge Current Limit Loop
n
Input MPPT for Solar Panel Inputs
n
Input Current Limit Prioritizes System Load Output
n
Low Loss PowerPath™
n
Instant-On Operation with Discharged or Missing
Battery
n
JEITA Temperature Controlled Charging
n
Pin Compatible with Li-Ion and SLA Versions
APPLICATIONS
n
Medical Instruments
n
USB-C Power Delivery
n
Industrial Handhelds
n
Ruggedized Notebooks
n
Tablet Computers
All registered trademarks and trademarks are the property of their respective owners.
4162F TA01a
INFET CLP
VOUT
CELL
COUNT
VIN
VIN
VOUT
CLN
I2C
SW
CSP
BATFET
CSN
BATSENS+
NTCBIAS
NTC
GND
LTC4162-F
T
5
10
15
20
25
30
35
INPUT VOLTAGE (V)
75
80
85
90
95
100
1 CELL
2 CELLS
3 CELLS
4 CELLS
5 CELLS
6 CELLS
7 CELLS
8 CELLS
9 CELLS
CHARGE
I
= 2.5A
4162F TA01b


Similar Part No. - LTC4162EUFD-FST#TRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4162EUFD-L AD-LTC4162EUFD-L Datasheet
1Mb / 52P
35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
10/18-REV.A
LTC4162EUFD-L40#PBF AD-LTC4162EUFD-L40#PBF Datasheet
1Mb / 52P
35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
10/18-REV.A
LTC4162EUFD-L40#TRPBF AD-LTC4162EUFD-L40#TRPBF Datasheet
1Mb / 52P
35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
10/18-REV.A
LTC4162EUFD-L40M#PBF AD-LTC4162EUFD-L40M#PBF Datasheet
1Mb / 52P
35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
10/18-REV.A
LTC4162EUFD-L40M#TRPBF AD-LTC4162EUFD-L40M#TRPBF Datasheet
1Mb / 52P
35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
10/18-REV.A
More results

Similar Description - LTC4162EUFD-FST#TRPBF

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1870AETJ MAXIM-MAX1870AETJ Datasheet
1Mb / 32P
Step-Up/Step-Down Li Battery Charger
Rev 0; 4/04
logo
Linear Technology
LTC4156 LINER-LTC4156_15 Datasheet
491Kb / 52P
Dual-Input Power Manager/ 3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
LTC4000EGN LINER-LTC4000EGN Datasheet
2Mb / 12P
Battery Charger Controller and PowerPath Manager
LTC4156EUFD LINER-LTC4156EUFD Datasheet
508Kb / 8P
Dual Input Power Manager/3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
logo
Shanghai Consonance Ele...
CN3058E CONSONANCE-CN3058E Datasheet
273Kb / 11P
1A LiFePO4 Battery Charger
CN3801 CONSONANCE-CN3801 Datasheet
211Kb / 11P
Standalone LiFePO4 Battery Charger IC
logo
Analog Devices
LTC4162-L AD-LTC4162-L Datasheet
1Mb / 52P
35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
10/18-REV.A
LTC4162-S AD-LTC4162-S Datasheet
1Mb / 48P
35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
01/19-REV.B
logo
Maxim Integrated Produc...
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 33P
Step-Up/Step-Down Li Battery Charger
2015
logo
Shanghai Consonance Ele...
CN3058 CONSONANCE-CN3058 Datasheet
253Kb / 11P
500mA LiFePO4 Battery Charger
REV 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com