Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4253 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC4253
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4253 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC4253 Datasheet HTML 38Page - Analog Devices LTC4253 Datasheet HTML 39Page - Analog Devices LTC4253 Datasheet HTML 40Page - Analog Devices LTC4253 Datasheet HTML 41Page - Analog Devices LTC4253 Datasheet HTML 42Page - Analog Devices LTC4253 Datasheet HTML 43Page - Analog Devices LTC4253 Datasheet HTML 44Page - Analog Devices LTC4253 Datasheet HTML 45Page - Analog Devices LTC4253 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
LTC4284
42
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Sense resistors for each channel are selected assuming
they will carry the maximum channel current, or 33.3A
in this example. Selection is a matter of total cost, sense
voltage (configurable from 15mV to 30mV in 1mV steps),
allowable dissipation, availability of discrete resistance
values, using multiple devices to reduce the sensing
errors associated with high current density at the interface
between the PCB and resistor, and using multiple devices
to ballast current flow across a wide path, between 2 or
more connectors, or between 2 or more MOSFETs. These
factors are iterated until an acceptable solution is found.
First, determine the number of resistors needed to handle
the total sense power of each channel. Compute the total
sense power starting with the minimum sense voltage
or 15mV:
PS(CH) = ∆VSENSE(MIN) • ICH(MAX) =
15mV • 33.3A = 500mW
Second, compute the number of resistors needed to
handle this power. For example, 1206 resistors are rated
for 250mW dissipation. A conservative design is half as
much, or 125mW.
NRS(CH) =
PS(CH)
125mW
=
500mW
125mW
= 4
Thus at least four parallel 1206 resistors are needed for
each channel. Third, compute the resistance value:
RS(CH)=
VILIM(MIN)
ICH(MAX)
= 15mV
33.3A
=450µΩ
Four resistors of 1.8mΩ each would give the correct
sense resistance. Fourth, use the closest next-larger avail-
able sense resistor value and adjust the sense voltage as
needed to restore the current. In this case, a 2mΩ sense
resistor value is selected and the sense voltage is adjusted
to 16mV. Recompute the numbers:
RS(CH) =
2mΩ
4
= 500µΩ
ICH(MAX) =
16mV
500µΩ
= 32A
PS(CH) = 16mV • 32A = 512mW
The power dissipation of each resistor package is now
512mW/4 = 128mW. The total current limit is now 32A •
2 = 64A, close enough to the optimum value of 66.7A. The
above process might be iterated for several combinations
of different resistor counts, different package sizes, and
even combinations of mixed resistor values.
When a specific design is actually built, there can be small
inaccuracies in the current sensing owing to contact and
copper trace resistances. An immediate remedy without
changing sense resistors is to readjust the sense voltage
in 1mV steps. For instance, moving sense voltage from
16mV to 17mV gives a 6.25% increase in current.
Step 2. Select resistive dividers for DRNS (drain sense),
RTNS (RTN sense) and VOUTTH (output low threshold).
DRNS and RTNS serve multiple purposes. First, they are
the inputs to a differential amplifier that measures the
attenuated load voltage for dV/dt control at startup (see
Inrush Control). In the event of an output overload or
short-circuit, the current limit foldback profile in normal
operation depends upon the differential input between
RTNS and DRNS that represents the output voltage across
the load. The current limit starts to fold back when RTNS –
DRNS drops below 0.9V and reaches the minimum when
RTNS – DRNS drops to zero (see Current Limit Foldback).
Additionally, in current limit the DRNS input monitors the
MOSFET’s VDS and uses this information to scale the TMR
pull-up current accordingly. When not in current limit,
DRNS monitors VDS and serves as one input to a mul-
tiplier which generates the TMR pull-up current. Finally,
RTNS and DRNS also serve as inputs to the ADCs so that
the input voltage and MOSFET drain voltage can be read
remotely. RTNS and DRNS have a maximum useable input
voltage of 2.8V, so resistive dividers are required.
To select resistive dividers for RTNS and DRNS, compute
the divider ratio r using the maximum supply voltage:
r
=
VS(MAX)
1.8V
=
72V
1.8V
= 40
where 1.8V is the operating point of DRNS at which the
TMR pull-up current is tested and specified. The resulting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com