Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMSZ5225 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMSZ5225
Description  Glass passivated chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMSZ5225 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMSZ5225 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMSZ5225 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMSZ5225 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
●
For surface mounted applications
in order to optimize board space
●
Low profile space
●
Glass passivated chip
●
High reliability
●
For use in stabilizing and clipping
circuits with high power rating
●
Component in accordance to
RoHS 2002/95/EC and WEEE 2002/96/EC
Mechanical Date
●
Case: JEDEC SOD-123FL molded plastic
body over glass passivated chip
●
Terminals: Solder plated, solderable per
MIL-STD-750 Method 2026
●
Polarity: types the band by laser
denotes the cathode
●
Weight: 0.017gram
Applications
●
Voltage stabilization
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.036 x 0.06” (0.9 x 1.5mm) copper pad areas.
Items
Symbol
VALUE
UNIT
Power dissipation
P
500
mW
Junction temperature
TJ
150
℃
Storage temperature range
TSTG
–55 to +150
℃
Typical thermal resistance, junction to ambient
(1)
RθJA
220
°C / W
Typical thermal resistance, junction to lead
(1)
RθJL
35
°C / W
MMSZ5225 thru MMSZ5267
Rev :
www.leiditech.com
1/3
01.06.2013
2013.06.21
技术中心
已审批


Similar Part No. - MMSZ5225

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ5225 GE-MMSZ5225 Datasheet
41Kb / 2P
ZENER DIODES
logo
Vishay Siliconix
MMSZ5225 VISHAY-MMSZ5225 Datasheet
136Kb / 5P
Small Signal Zener Diodes
20-Mar-06
logo
Micro Commercial Compon...
MMSZ5225 MCC-MMSZ5225 Datasheet
250Kb / 5P
500 mW Zener Diodes 2.4 to 39 Volts
logo
Vishay Siliconix
MMSZ5225 VISHAY-MMSZ5225 Datasheet
80Kb / 4P
Small Signal Zener Diodes
27-Feb-13
MMSZ5225 VISHAY-MMSZ5225 Datasheet
100Kb / 5P
Small Signal Zener Diodes
23-Mar-12
More results

Similar Description - MMSZ5225

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP170 LUGUANG-5KP170 Datasheet
425Kb / 4P
Glass passivated chip
logo
Bruckewell Technology L...
FR301_7G BWTECH-FR301_7G Datasheet
361Kb / 4P
Glass passivated chip
logo
Kersemi Electronic Co.,...
MUR2010CT KERSEMI-MUR2010CT Datasheet
1Mb / 2P
Glass passivated chip
logo
Comchip Technology
1N4728A-G COMCHIP-1N4728A-G Datasheet
125Kb / 6P
Glass passivated chip.
logo
Micro Commercial Compon...
MD100A08D1 MCC-MD100A08D1 Datasheet
476Kb / 4P
Glass passivated chip
MD100S08M3 MCC-MD100S08M3 Datasheet
512Kb / 4P
Glass passivated chip
MT110C08T1 MCC-MT110C08T1 Datasheet
545Kb / 5P
Glass passivated chip
TBS20A MCC-TBS20A Datasheet
371Kb / 3P
Glass passivated chip
logo
New Jersey Semi-Conduct...
MUR1605 NJSEMI-MUR1605 Datasheet
93Kb / 1P
Glass passivated chip
logo
Shanghai Leiditech Elec...
SMAJ3.3LIR LEIDITECH-SMAJ3.3LIR Datasheet
1,016Kb / 3P
Glass passivated chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com