Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STN8815 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STN8815
Description  Nomadik mobile multimedia application processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8815 Datasheet(HTML) 2 Page - STMicroelectronics

  STN8815 Datasheet HTML 1Page - STMicroelectronics STN8815 Datasheet HTML 2Page - STMicroelectronics STN8815 Datasheet HTML 3Page - STMicroelectronics STN8815 Datasheet HTML 4Page - STMicroelectronics STN8815 Datasheet HTML 5Page - STMicroelectronics STN8815 Datasheet HTML 6Page - STMicroelectronics STN8815 Datasheet HTML 7Page - STMicroelectronics STN8815 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STn8815
2/8
Two high speed USB 2.0 On-The-Go controller interfaces
– ULPI v1.1 compliance
– ULPI DDR support
Host port interface
I/O peripherals
– 3 autobaud UARTs
– IrDA (SIR/MIR/FIR) interface
– Synchronous serial port (SSP)
– 3 multichannel serial ports (MSP)
– 3 I²C master/slave interfaces
– Two 8-channel, full-duplex high-speed serial interfaces (MIPI legacy HSI)
– Rotary encoder interface; keypad matrix interface
– 1-Wire®/HDQ interface (a)
General-purpose I/Os (muxed with peripheral I/Os)
System and peripheral controller
– Multichannel DMA controller
– 64-source interrupt controller
– Timers/counters
Programmable PLL for CPU and system clocks
Two crystal oscillators:
32 kHz and 13/19.2 MHz
JTAG IEEE 1149.1 boundary scan
14 x 14 mm package for stacked and package-on-package versions
Pin-to-pin compatible with STn8810
a.
1-Wire is a registered trademark of Dallas Semiconductor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com