Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD6417040AVCF16 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # HD6417040AVCF16
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417040AVCF16 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button HD6417040AVCF16 Datasheet HTML 76Page - Renesas Technology Corp HD6417040AVCF16 Datasheet HTML 77Page - Renesas Technology Corp HD6417040AVCF16 Datasheet HTML 78Page - Renesas Technology Corp HD6417040AVCF16 Datasheet HTML 79Page - Renesas Technology Corp HD6417040AVCF16 Datasheet HTML 80Page - Renesas Technology Corp HD6417040AVCF16 Datasheet HTML 81Page - Renesas Technology Corp HD6417040AVCF16 Datasheet HTML 82Page - Renesas Technology Corp HD6417040AVCF16 Datasheet HTML 83Page - Renesas Technology Corp HD6417040AVCF16 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 923 page
background image
42
1.4
The F-ZTAT Version Onboard Programming
There are 2 modes on the F-ZTAT version: a mode that writes and overwrites programs using the
special writer and a mode that writes and overwrites programs onboard the application system.
When rebooting after setting each mode pin and FWP pin during the reset condition, the
microcomputer will transfer to one of the modes indicated in figure 1.6. In the user mode, data can
be read from the flash memory but cannot be written or deleted. Use the boot mode and the user
program mode to write to the flash memory or delete data.
In the boot mode, SCI1 (TXD1, RXD1) is used for data transfer. It is possible to automatically
adjust the transfer bit rate to the transfer bit rate of the host.
Table 1.8
Pins during the Onboard Programming Mode
Notation
I/O
Function
FWP
Input
Hardware protected flash memory write/delete
MD1
Input
User programming mode/boot mode setting
MD2
Input
Clock mode (PLL) setting
MD3
Input
Clock mode (PLL) setting
TxD1
Output
Serial sent data output
RxD1
Input
Serial receive data input
User mode
Power-on
reset condition
User
program
mode
Boot mode
Onboard programming mode
*
*
FWP=1
MD1
=1, F
WP=
1
RES
=0
FWP=0
Notes: For transferring between user mode and user program mode,
proceed while CPU is not programming or erasing the flash
memory.
* RAM emulation permitted
Figure 1.6 Condition Transfer for Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com