Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDSE2-M Datasheet(PDF) 1 Page - CUI INC

Part # PDSE2-M
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDSE2-M Datasheet(HTML) 1 Page - CUI INC

  PDSE2-M Datasheet HTML 1Page - CUI INC PDSE2-M Datasheet HTML 2Page - CUI INC PDSE2-M Datasheet HTML 3Page - CUI INC PDSE2-M Datasheet HTML 4Page - CUI INC PDSE2-M Datasheet HTML 5Page - CUI INC PDSE2-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 07/23/2021
page 1 of 6
SERIES: PDSE2-M
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• 2 W isolated output
• single unregulated output
• 1,500 Vdc isolation
• continuous short circuit protection
• extended temperature range (-40~105°C)
• efficiency up to 85%
• EN 62368-1
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency2
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PDSE2-S12-S5-M
12
10.8~13.2
5
40
400
2
150
83
PDSE2-S12-S9-M4
12
10.8~13.2
9
22
222
2
150
83
PDSE2-S12-S12-M
12
10.8~13.2
12
17
167
2
150
84
PDSE2-S12-S15-M
12
10.8~13.2
15
13
133
2
150
84
PDSE2-S12-S24-M
12
10.8~13.2
24
8
83
2
150
85
PDSE2-S15-S5-M4
15
13.5~16.5
5
40
400
2
150
83
PDSE2-S15-S15-M4
15
13.5~16.5
15
13
133
2
150
84
PDSE2-S24-S5-M
24
21.6~26.4
5
40
400
2
150
83
PDSE2-S24-S9-M4
24
21.6~26.4
9
22
222
2
150
83
PDSE2-S24-S12-M
24
21.6~26.4
12
17
167
2
150
84
PDSE2-S24-S15-M
24
21.6~26.4
15
13
133
2
150
84
PDSE2-S24-S24-M
24
21.6~26.4
24
8
83
2
150
85
Notes:
1. Measured at nominal input, 20 MHz bandwidth oscilloscope with 10 uF tantalum and 1 uF ceramic capacitors on the output (see Application circuit).
2. Measured at nominal input voltage, full load.
3. All specifications are measured at Ta=25°C, humidity < 75%, nominal input voltage, and rated output load unless otherwise specified.
4. Model is not CE certified.
PART NUMBER KEY
Base Number
PDSE2- S XX - S XX - M- XX
Input Voltage
Output Voltage Mounting Style:
SMT
Packaging:
“blank” = Tube
TR = Tape and Reel
Output:
S = single
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PDSE2-M

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDSE1-D CUI-PDSE1-D Datasheet
1Mb / 7P
DC-DC CONVERTER
PDSE1-D CUI-PDSE1-D Datasheet
1Mb / 6P
DC-DC CONVERTER
06/21/2021
PDSE1-D CUI-PDSE1-D_V01 Datasheet
1Mb / 6P
DC-DC CONVERTER
06/21/2021
PDSE1-M CUI-PDSE1-M Datasheet
1Mb / 11P
DC-DC CONVERTER
PDSE1-M CUI-PDSE1-M Datasheet
1Mb / 9P
DC-DC CONVERTER
07/13/2021
More results

Similar Description - PDSE2-M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com