Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESE2-M Datasheet(PDF) 4 Page - CUI INC

Part # PESE2-M
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PESE2-M Datasheet(HTML) 4 Page - CUI INC

  PESE2-M Datasheet HTML 1Page - CUI INC PESE2-M Datasheet HTML 2Page - CUI INC PESE2-M Datasheet HTML 3Page - CUI INC PESE2-M Datasheet HTML 4Page - CUI INC PESE2-M Datasheet HTML 5Page - CUI INC PESE2-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date 07/23/2021
│ page 4 of 6
CUI Inc
│ SERIES: PESE2-M │ DESCRIPTION: DC-DC CONVERTER
units: mm [inch]
tolerance: ±0.25 [±0.010]
pin section tolerance: ±0.10 [±0.004]
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
13.20 x 11.40 x 7.25 [0.520 x 0.448 x 0.285 inch]
mm
case material
black flame-retardant and heat-resistant plastic (UL94V-0)
weight
1.4
g
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
Function
1
GND
2
Vin
4
0V
5
+Vo
8
NC
NC = No connect
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com