Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDWS9510L-F085 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDWS9510L-F085
Description  MOSFET ??P-Channel Logic Level POWERTRENCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDWS9510L-F085 Datasheet(HTML) 2 Page - ON Semiconductor

  FDWS9510L-F085 Datasheet HTML 1Page - ON Semiconductor FDWS9510L-F085 Datasheet HTML 2Page - ON Semiconductor FDWS9510L-F085 Datasheet HTML 3Page - ON Semiconductor FDWS9510L-F085 Datasheet HTML 4Page - ON Semiconductor FDWS9510L-F085 Datasheet HTML 5Page - ON Semiconductor FDWS9510L-F085 Datasheet HTML 6Page - ON Semiconductor FDWS9510L-F085 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDWS9510L−F085
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
BVDSS
Drain−to−Source Breakdown Voltage
ID = −250 mA, VGS = 0 V
−40
−
−
V
IDSS
Drain−to−Source Leakage Current
VDS = −40 V,
VGS = 0 V
TJ = 25°C
−
−
1
mA
TJ = 175°C (Note 4)
−
−
1
mA
IGSS
Gate−to−Source Leakage Current
VGS = ±16 V
−
−
±100
nA
ON CHARACTERISTICS
VGS(th)
Gate−to−Source Threshold Voltage
VGS = VDS, ID = −250 mA
−1
−1.8
−3
V
RDS(on)
Drain−to−Source On−Resistance
ID = −25 A, VGS = −4.5 V
−
18
23
mW
ID = −50 A
VGS = −10 V
TJ = 25°C
−
11
13.5
mW
TJ = 175°C (Note 4)
−
18.8
23
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VDS = −20 V, VGS = 0 V, f = 1 MHz
−
2320
−
pF
Coss
Output Capacitance
−
811
−
Crss
Reverse Transfer Capacitance
−
38
−
Rg
Gate Resistance
VGS = 0.5 V, f = 1 MHz
−
23
−
W
Qg(tot)
Total Gate Charge
VGS = 0 to −10 V
−
28
37
nC
Qg(th)
Threshold Gate Charge
VGS = 0 to −1 V
−
4
−
Qgs
Gate−to−Source Gate Charge
VDD = −20 V,
ID = −50 A
−
7
−
Qgd
Gate−to−Drain “Miller” Charge
−
4
−
SWITCHING CHARACTERISTICS
ton
Turn−On Time
VDD = −20 V, ID = −50 A,
VGS = −10 V, RGEN = 6 W
−
−
20
ns
td(on)
Turn−On Delay Time
−
10
−
tr
Turn−On Rise Time
−
4
−
td(off)
Turn−Off Delay Time
−
110
−
tf
Turn−Off Fall Time
−
37
−
toff
Turn−Off Time
−
−
222
DRAIN−SOURCE DIODE CHARACTERISTICS
VSD
Source−to−Drain Diode Voltage
ISD = −50 A, VGS = 0 V
−
−1
−1.25
V
ISD = −25 A, VGS = 0 V
−
−0.9
−1.2
Trr
Reverse Recovery Time
IF = −50 A, dISD/dt = 100 A/ms
−
44
62
ns
Qrr
Reverse Recovery Charge
−
31
47
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. The maximum value is specified by design at TJ = 175°C. Product is not tested to this condition in production



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com