Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTDD2010DF-S Datasheet(PDF) 2 Page - Central Technologies

Part # CTDD2010DF-S
Description  DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDD2010DF-S Datasheet(HTML) 2 Page - Central Technologies

  CTDD2010DF-S Datasheet HTML 1Page - Central Technologies CTDD2010DF-S Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 10.24.12
DC/DC Converters
www.ctparts.com
CTdd2010dF-S
Fixed Input Isolated & Unregulated
1W Output, Single Ouput
OUTlINE dImENSIONS & rECOmmENdEd FOOTPrINT dETAIlS
20.40
7.00
4.10
15.24
7.62
1
7
14
10
8
10.0
2.54
Side View
Bottom View
Note: All pins on a 2.54mm pitch; All pin diameters are 0.50mm; all dimensions in mm
14
10
7
8
1
ø1.00+0.15/-0
CTDD2010DF-S PACKAGE
CTDD2010DF-S FOOTPRINT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com